Electronic Components Datasheet Search
  English  ▼

X  

LPC3131 Datasheet(PDF) 35 Page - NXP Semiconductors

Part # LPC3131
Description  Low-cost, low-power ARM926EJ-S MCUs with high-speed USB 2.0 OTG, SD/MMC, and NAND flash controller
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC3131 Datasheet(HTML) 35 Page - NXP Semiconductors

Back Button LPC3131 Datasheet HTML 31Page - NXP Semiconductors LPC3131 Datasheet HTML 32Page - NXP Semiconductors LPC3131 Datasheet HTML 33Page - NXP Semiconductors LPC3131 Datasheet HTML 34Page - NXP Semiconductors LPC3131 Datasheet HTML 35Page - NXP Semiconductors LPC3131 Datasheet HTML 36Page - NXP Semiconductors LPC3131 Datasheet HTML 37Page - NXP Semiconductors LPC3131 Datasheet HTML 38Page - NXP Semiconductors LPC3131 Datasheet HTML 39Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 68 page
background image
LPC3130_3131_1
© NXP B.V. 2009. All rights reserved.
Preliminary data sheet
Rev. 1 — 9 February 2009
35 of 68
NXP Semiconductors
LPC3130/3131
Low-cost, low-power ARM926EJ-S microcontrollers
6.29 System control registers
The System Control Registers (SysCReg) module provides a register interface for some
of the high-level settings in the system such as multiplexers and mode settings. This is an
auxiliary module included in this overview for the sake of completeness.
6.30 I2S0/1 interfaces
The I2S0/1 receive and I2S0/1 transmit modules have the following features:
• Audio interface compatible with the I2S standard.
• I2S0/1 receive supports master mode and slave mode.
• I2S0/1 transmit supports master mode.
• Supports LSB justified words of 16, 18, 20 and 24 bits.
• Supports a configurable number of bit clock periods per Word Select period (up to
128 bit clock periods).
• Supports DMA transfers.
• Transmit FIFO (I2S transmit) or receive FIFO (I2S receive) of 4 stereo samples.
• Supports single 16 bit transfers to/from the left or right FIFO.
• Supports single 24 bit transfers to/from the left or right FIFO.
• Supports 32-bit interleaved transfers, with the lower 16 bits representing the left audio
sample, and the higher 16 bits representing the right audio sample.
• Supports two 16-bit audio samples combined in a 32-bit word (2 left or 2 right
samples) to reduce busload.
• Provides maskable interrupts for audio status: FIFO underrun/overrun/full/
half_full/not empty for left and right channel separately.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com