Electronic Components Datasheet Search
  English  ▼

X  

LPC3131 Datasheet(PDF) 59 Page - NXP Semiconductors

Part # LPC3131
Description  Low-cost, low-power ARM926EJ-S MCUs with high-speed USB 2.0 OTG, SD/MMC, and NAND flash controller
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC3131 Datasheet(HTML) 59 Page - NXP Semiconductors

Back Button LPC3131 Datasheet HTML 55Page - NXP Semiconductors LPC3131 Datasheet HTML 56Page - NXP Semiconductors LPC3131 Datasheet HTML 57Page - NXP Semiconductors LPC3131 Datasheet HTML 58Page - NXP Semiconductors LPC3131 Datasheet HTML 59Page - NXP Semiconductors LPC3131 Datasheet HTML 60Page - NXP Semiconductors LPC3131 Datasheet HTML 61Page - NXP Semiconductors LPC3131 Datasheet HTML 62Page - NXP Semiconductors LPC3131 Datasheet HTML 63Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 68 page
background image
LPC3130_3131_1
© NXP B.V. 2009. All rights reserved.
Preliminary data sheet
Rev. 1 — 9 February 2009
59 of 68
NXP Semiconductors
LPC3130/3131
Low-cost, low-power ARM926EJ-S microcontrollers
9.9 USB interface
[1]
Characterized but not implemented as production test. Guaranteed by design.
Remark: Signals SDA and SCL correspond to pins I2C_SDAx and I2C_SCLx (x = 0, 1).
Fig 27. I2C-bus pins clock timing
P
SS
P
002aad985
tHD;STA
tBUF
tHD;STA
tSU;STA
tSU;DAT
tf
tHIGH
tSU;STO
tr
tHD;STA
tLOW
SDA
SCL
Table 25.
Dynamic characteristics: USB pins (high-speed)
CL = 50 pF; Rpu = 1.5 kΩ on D+ to VDD(IO) (SUP3), unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
tr
rise time
10 % to 90 %
<tbd>
-
<tbd>
ns
tf
fall time
10 % to 90 %
<tbd>
-
<tbd>
ns
tFRFM
differential rise and fall time
matching
tr /tf
-
-
<tbd>
%
VCRS
output signal crossover voltage
<tbd>
-
<tbd>
V
tFEOPT
source SE0 interval of EOP
see Figure 28
<tbd>
-
<tbd>
ns
tFDEOP
source jitter for differential transition
to SE0 transition
see Figure 28
<tbd>
-
<tbd>
ns
tJR1
receiver jitter to next transition
<tbd>
-
<tbd>
ns
tJR2
receiver jitter for paired transitions
10 % to 90 %
<tbd>
-
<tbd>
ns
tEOPR1
EOP width at receiver
must reject as
EOP; see
Figure 28
[1] <tbd>
-
-
ns
tEOPR2
EOP width at receiver
must accept as
EOP; see
Figure 28
[1] <tbd>
-
-
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com