Electronic Components Datasheet Search
  English  ▼

X  

LPC3131 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # LPC3131
Description  Low-cost, low-power ARM926EJ-S MCUs with high-speed USB 2.0 OTG, SD/MMC, and NAND flash controller
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC3131 Datasheet(HTML) 1 Page - NXP Semiconductors

  LPC3131 Datasheet HTML 1Page - NXP Semiconductors LPC3131 Datasheet HTML 2Page - NXP Semiconductors LPC3131 Datasheet HTML 3Page - NXP Semiconductors LPC3131 Datasheet HTML 4Page - NXP Semiconductors LPC3131 Datasheet HTML 5Page - NXP Semiconductors LPC3131 Datasheet HTML 6Page - NXP Semiconductors LPC3131 Datasheet HTML 7Page - NXP Semiconductors LPC3131 Datasheet HTML 8Page - NXP Semiconductors LPC3131 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 68 page
background image
1.
General description
The NXP LPC3130/3131 combine an 180 MHz ARM926EJ-S CPU core, high-speed USB
2.0 On-The-Go (OTG), up to 192 KB SRAM, NAND flash controller, flexible external bus
interface, four channel 10-bit ADC, and a myriad of serial and parallel interfaces in a single
chip targeted at consumer, industrial, medical, and communication markets. To optimize
system power consumption, the LPC3130/3131 have multiple power domains and a very
flexible Clock Generation Unit (CGU) that provides dynamic clock gating and scaling.
2.
Features
2.1 Key features
I CPU platform
N 180 MHz, 32-bit ARM926EJ-S
N 16 kB D-cache and 16 kB I-cache
N Memory Management Unit (MMU)
I Internal memory
N 96 kB (LPC3130) or 192 kB (LPC3131) embedded SRAM
I External memory interface
N NAND flash controller with 8-bit ECC
N 8/16-bit Multi-Port Memory Controller (MPMC): SDRAM and SRAM
I Communication and connectivity
N High-speed USB 2.0 (OTG, Host, Device) with on-chip PHY
N Two I2S-bus interfaces
N Integrated master/slave SPI
N Two master/slave I2C-bus interfaces
N Fast UART
N Memory Card Interface (MCI): MMC/SD/SDIO/CE-ATA
N Four-channel 10-bit ADC
N Integrated 4/8/16-bit 6800/8080 compatible LCD interface
I System functions
N Dynamic clock gating and scaling
N Multiple power domains
N Selectable boot-up: SPI flash, NAND flash, SD/MMC cards, UART, or USB
N DMA controller
N Four 32-bit timers
N Watchdog timer
LPC3130/3131
Low-cost, low-power ARM926EJ-S MCUs with high-speed
USB 2.0 OTG, SD/MMC, and NAND flash controller
Rev. 1 — 9 February 2009
Preliminary data sheet


Similar Part No. - LPC3131

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LPC3131 NXP-LPC3131 Datasheet
4Mb / 12P
NXP Microcontrollers Selection Guide
November 2012
More results

Similar Description - LPC3131

ManufacturerPart #DatasheetDescription
logo
GENESYS LOGIC
GL422 GENESYS-GL422 Datasheet
268Kb / 32P
USB 2.0 SD/MMC-controller Combo Solution
GL424 GENESYS-GL424 Datasheet
500Kb / 34P
SD/MMC Flash Card Controller
GL817E GENESYS-GL817E Datasheet
166Kb / 19P
USB 2.0 MS/ MS PRO/ SD/ MMC Controller
GL828 GENESYS-GL828 Datasheet
501Kb / 23P
USB 2.0 SD/MMC Single Slot Card Reader Controller
logo
SMSC Corporation
USB2244 SMSC-USB2244 Datasheet
565Kb / 22P
Ultra Fast USB 2.0 SD/MMC Flash Media Controller
logo
Microchip Technology
USB2241I-AEZG-06 MICROCHIP-USB2241I-AEZG-06 Datasheet
240Kb / 8P
Ultra Fast USB 2.0 Multi-Format, SD/MMC, and MS Flash Media Controllers
Revision 2.1 02-07-13
logo
GENESYS LOGIC
GL822 GENESYS-GL822 Datasheet
103Kb / 6P
USB 2.0 SD 3.0/MMC/MS Card Reader Controller
GL827L GENESYS-GL827L Datasheet
599Kb / 21P
USB 2.0 Single Slot SD/MMC/MS Card Reader Controller
logo
Prolific Technology Inc...
MA8121K PROLIFIC-MA8121K Datasheet
201Kb / 2P
USB 2.0 SD/MMC Card Reader Controller
MA8168A PROLIFIC-MA8168A Datasheet
200Kb / 2P
USB 2.0 SD/MMC/MS/xD/CF Card Reader Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com