Electronic Components Datasheet Search
  English  ▼

X  

LPC3131 Datasheet(PDF) 29 Page - NXP Semiconductors

Part # LPC3131
Description  Low-cost, low-power ARM926EJ-S MCUs with high-speed USB 2.0 OTG, SD/MMC, and NAND flash controller
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC3131 Datasheet(HTML) 29 Page - NXP Semiconductors

Back Button LPC3131 Datasheet HTML 25Page - NXP Semiconductors LPC3131 Datasheet HTML 26Page - NXP Semiconductors LPC3131 Datasheet HTML 27Page - NXP Semiconductors LPC3131 Datasheet HTML 28Page - NXP Semiconductors LPC3131 Datasheet HTML 29Page - NXP Semiconductors LPC3131 Datasheet HTML 30Page - NXP Semiconductors LPC3131 Datasheet HTML 31Page - NXP Semiconductors LPC3131 Datasheet HTML 32Page - NXP Semiconductors LPC3131 Datasheet HTML 33Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 68 page
background image
LPC3130_3131_1
© NXP B.V. 2009. All rights reserved.
Preliminary data sheet
Rev. 1 — 9 February 2009
29 of 68
NXP Semiconductors
LPC3130/3131
Low-cost, low-power ARM926EJ-S microcontrollers
• SIR-IrDA encoder/decoder (from 2400 to 115 kBd).
• Supports maskable interrupts.
• Supports DMA transfers.
6.23 Pulse Code Modulation (PCM) interface
The PCM interface supports the PCM and IOM interfaces.
The IOM (ISDN Oriented Modular) interface is primarily used to interconnect
telecommunications ICs providing ISDN compatibility. It delivers a symmetrical full-duplex
communication link containing user data, control/programming lines, and status channels.
PCM (Pulse Code Modulation) is a very common method used for transmitting analog
data in digital format. Most common applications of PCM are digital audio as in Audio CD
and computers, digital telephony and videos.
This module has the following features:
• Four-wire serial interface.
• Can function in both Master and Slave modes.
• Supports:
– PCM: Single clocking physical format.
– Multi-Protocol (MP) PCM: Configurable directional per slot.
– IOM-2: Extended ISDN-Oriented modular. Double clocking physical format.
• Twelve eight bit slots in a frame with enabling control per slot.
• Internal frame clock generation in master mode.
• Receive and transmit DMA handshaking using a request/clear protocol.
• Interrupt generation per frame.
6.24 LCD interface
The dedicated LCD interface contains logic to interface to a 6800 (Motorola) or 8080
(Intel) compatible LCD controllers which support 4/8/16 bit modes. This module also
supports a serial interface mode. The speed of the interface can be adjusted in software
to match the speed of the connected LCD display.
This module has the following features:
• 4/8/16 bit parallel interface mode: 6800-series, 8080-series.
• Serial interface mode.
• Supports multiple frequencies for the 6800/8080 bus to support high- and low-speed
controllers.
• Supports polling the busy flag from LCD controller to off-load the CPU from polling.
• Contains an 16 byte FIFO for sending control and data information to the LCD
controller.
• Supports maskable interrupts.
• Supports DMA transfers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com