Electronic Components Datasheet Search
  English  ▼

X  

LPC3131 Datasheet(PDF) 37 Page - NXP Semiconductors

Part # LPC3131
Description  Low-cost, low-power ARM926EJ-S MCUs with high-speed USB 2.0 OTG, SD/MMC, and NAND flash controller
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC3131 Datasheet(HTML) 37 Page - NXP Semiconductors

Back Button LPC3131 Datasheet HTML 33Page - NXP Semiconductors LPC3131 Datasheet HTML 34Page - NXP Semiconductors LPC3131 Datasheet HTML 35Page - NXP Semiconductors LPC3131 Datasheet HTML 36Page - NXP Semiconductors LPC3131 Datasheet HTML 37Page - NXP Semiconductors LPC3131 Datasheet HTML 38Page - NXP Semiconductors LPC3131 Datasheet HTML 39Page - NXP Semiconductors LPC3131 Datasheet HTML 40Page - NXP Semiconductors LPC3131 Datasheet HTML 41Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 68 page
background image
LPC3130_3131_1
© NXP B.V. 2009. All rights reserved.
Preliminary data sheet
Rev. 1 — 9 February 2009
37 of 68
NXP Semiconductors
LPC3130/3131
Low-cost, low-power ARM926EJ-S microcontrollers
8.
Static characteristics
Table 12:
Static characteristics
Tamb = −40 °C to +85 °C unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Supply pins
VDD(IO)
input/output supply
voltage
NAND flash controller
pads (SUP4) and LCD
interface (SUP8); 1.8 V
mode
1.65
1.8
1.95
V
NAND flash controller
pads (SUP4) and LCD
interface (SUP8); 2.8 V
mode
2.5
2.8
3.1
V
other peripherals
(SUP 3)
2.7
3.3
3.6
V
VDD(CORE)
core supply voltage
(SUP1)
1.0
1.2
1.3
V
VDD(OSC_PLL)
oscillator and PLL
supply voltage
on pin VDDA12; for
12 MHz oscillator
(SUP1)
1.0
1.2
1.3
V
VDD(ADC)
ADC supply voltage
on pin
ADC10B_VDDA33; for
10-bit ADC (SUP 3)
2.7
3.3
3.6
V
VBUS
bus supply voltage
on pin USB_VBUS
(SUP5)
-
5.0
-
V
VDDA(USB)(3V3) USB analog supply
voltage (3.3 V)
on pin USB_VDDA33
(SUP 3)
3.0
3.3
3.6
V
on pin
USB_VDDA33_DRV
(SUP 3); driver
2.7
3.3
3.6
V
VDDA(PLL)(1V2)
PLL analog supply
voltage (1.2 V)
on pin
USB_VDDA12_PLL
(SUP1)
1.1
1.2
1.3
V
Input pins and I/O pins configured as input
VI
input voltage
0
-
VDDE_IOC
V
VIH
HIGH-level input
voltage
SUP3; SUP4; SUP8
0.7VDDE_IOx
(x = A, B, C)
--
V
VIL
LOW-level input
voltage
SUP3; SUP4; SUP8
-
-
0.3VDDE_IOx
(x = A, B, C)
V
Vhys
hysteresis voltage
SUP4; SUP8
V
1.8 V mode
400
-
600
mV
2.8 V mode
550
-
850
mV
SUP3
0.1VDDE_IOC
-
-
V
IIL
LOW-level input
current
VI = 0 V; no pull-up
-
-
<tbd>
µA
IIH
HIGH-level input
current
VI = VDD(IO); no
pull-down
-
-
<tbd>
µA
Ilatch
I/O latch-up current
−(1.5V
DD(IO)) < VI <
(1.5VDD(IO))
-
-
<tbd>
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com