Electronic Components Datasheet Search
  English  ▼

X  

LPC3131 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # LPC3131
Description  Low-cost, low-power ARM926EJ-S MCUs with high-speed USB 2.0 OTG, SD/MMC, and NAND flash controller
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC3131 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button LPC3131 Datasheet HTML 2Page - NXP Semiconductors LPC3131 Datasheet HTML 3Page - NXP Semiconductors LPC3131 Datasheet HTML 4Page - NXP Semiconductors LPC3131 Datasheet HTML 5Page - NXP Semiconductors LPC3131 Datasheet HTML 6Page - NXP Semiconductors LPC3131 Datasheet HTML 7Page - NXP Semiconductors LPC3131 Datasheet HTML 8Page - NXP Semiconductors LPC3131 Datasheet HTML 9Page - NXP Semiconductors LPC3131 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 68 page
background image
LPC3130_3131_1
© NXP B.V. 2009. All rights reserved.
Preliminary data sheet
Rev. 1 — 9 February 2009
6 of 68
NXP Semiconductors
LPC3130/3131
Low-cost, low-power ARM926EJ-S microcontrollers
Row P
1
USB_VDDA33
2
USB_DP
3
mLCD_DB_14
4
mLCD_DB_13
5
mLCD_DB_7
6
mLCD_DB_3
7
mLCD_DB_5
8
mLCD_RS
9
mLCD_DB_1
10
TMS
11
I2SRX_WS0
12
UART_RXD
13
TRST_N
14
mUART_RTS_N
-
-
-
-
Table 3.
Pin allocation table …continued
Pin Symbol
Pin Symbol
Pin Symbol
Pin Symbol
Table 4.
Pin description
Pin names with prefix m are multiplexed pins. See Table 10 for pin function selection of multiplexed pins.
Pin name
BGA
Ball
Digital
I/O
level
[1]
Application
function
Pin
state
after
reset
Cell
Type [2]
Description
Clock Generation Unit
FFAST_IN
A10
SUP1
AI
-
AIO2
12 MHz oscillator clock input
FFAST_OUT
B10
SUP1
AO
AIO2
12 MHz oscillator clock output
VDDA12
D11;
E10
SUP1
Supply
PS3
12 MHz oscillator/PLLs Analog supply
VSSA12
E9
Ground
-
CG1
12 MHz oscillator/PLLs Analog ground
RSTIN_N
H14
SUP3
DI
I
DIO2
System Reset Input (active LOW)
CLK_256FS_O
H12
SUP3
DO
O
DIO1
Programmable clock output; fractionally
derived from CLK1024FS_BASE clock
domain. Generally used for Audio Codec
master clock.
CLOCK_OUT
J4
SUP3
DO
O
DIO1
Programmable clock output; fractionally
derived from SYS_BASE clock domain.
SYSCLK_O[3]
G13
SUP3
DO
O
DIO1
Programmable clock output. Output one of
seven base/reference input clocks. No
fractional divider.
10-bit ADC
ADC10B_VDDA33
A13
SUP3
Supply
-
PS3
10-bit ADC Analog Supply
ADC10B_GNDA
A12
Ground
-
CG1
10-bit ADC Analog Ground
ADC10B_GPA0
B14
SUP3
AI
-
AIO1
10-bit ADC Analog Input
ADC10B_GPA1
A14
SUP3
AI
-
AIO1
10-bit ADC Analog Input
ADC10B_GPA2
B13
SUP3
AI
-
AIO1
10-bit ADC Analog Input
ADC10B_GPA3
C14
SUP3
AI
-
AIO1
10-bit ADC Analog Input
USB HS 2.0 OTG
USB_VBUS
L2
SUP5
AI
-
AIO3
USB supply detection line
USB_ID
M1
SUP3
AI
-
AIO1
Indicates to the USB transceiver whether in
device (USB_ID HIGH) or host (USB_ID LOW)
mode (contains internal pull-up resistor)
USB_RREF
J5
SUP3
AIO
-
AIO1
USB Connection for external reference resistor
(12 k
Ω± 1 %) to analog ground supply
USB_DP
P2
SUP3
AIO
-
AIO1
USB D+ connection with integrated 45
Ω
termination resistor
USB_DM
N2
SUP3
AIO
-
AIO1
USB D
− connection with integrated 45 Ω
termination resistor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com