Electronic Components Datasheet Search
  English  ▼

X  

LPC3131 Datasheet(PDF) 52 Page - NXP Semiconductors

Part # LPC3131
Description  Low-cost, low-power ARM926EJ-S MCUs with high-speed USB 2.0 OTG, SD/MMC, and NAND flash controller
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC3131 Datasheet(HTML) 52 Page - NXP Semiconductors

Back Button LPC3131 Datasheet HTML 48Page - NXP Semiconductors LPC3131 Datasheet HTML 49Page - NXP Semiconductors LPC3131 Datasheet HTML 50Page - NXP Semiconductors LPC3131 Datasheet HTML 51Page - NXP Semiconductors LPC3131 Datasheet HTML 52Page - NXP Semiconductors LPC3131 Datasheet HTML 53Page - NXP Semiconductors LPC3131 Datasheet HTML 54Page - NXP Semiconductors LPC3131 Datasheet HTML 55Page - NXP Semiconductors LPC3131 Datasheet HTML 56Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 68 page
background image
LPC3130_3131_1
© NXP B.V. 2009. All rights reserved.
Preliminary data sheet
Rev. 1 — 9 February 2009
52 of 68
NXP Semiconductors
LPC3130/3131
Low-cost, low-power ARM926EJ-S microcontrollers
9.4 NAND flash memory controller
[1]
THCLK = 1/NANDFLASH_NAND_CLK, see LPC3130/3131 user manual.
[2]
See registers NandTiming1 and NandTiming2 in the LPC3130/3131
user manual.
Table 19.
Dynamic characteristics of the NAND flash memory controller
Tamb = −40 °C to +85 °C, unless otherwise specified.
Symbol
Parameter
Typical
Unit
tREH
RE HIGH hold time
[1][2]
THCLK x (TREH+1)
ns
tRP
RE pulse width
[1][2]
THCLK x (TRP + 1)
ns
tWH
WE HIGH hold time
[1][2]
THCLK x (TWH + 1)
ns
tWP
WE pulse width
[1][2]
THCLK x (TWP + 1)
ns
tCLS
CLE set-up time
[1][2]
THCLK x (TCLS + 1)
ns
tCLH
CLE hold time
[1][2]
THCLK x (TCLH + 1)
ns
tALS
ALE set-up time
[1][2]
THCLK x (TALS + 1)
ns
tALH
ALE hold time
[1][2]
THCLK x (TALH + 1)
ns
tCS
CE set-up time
[1][2]
THCLK x (TCS + 1)
ns
tCH
CE hold time
[1][2]
THCLK x (TCH + 1)
ns
Fig 19.
NAND flash controller write and read timing
EBI_NWE
EBI_A_1_CLE
EBI_A_0_ALE
tWP
tCS
tCH
tCLS
tCLH
mNAND_NCS
tWH
002aae353
tALS
tALH
tRP tREH
EBI_DQM_0_NOE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com