Electronic Components Datasheet Search
  English  ▼

X  

LPC3131 Datasheet(PDF) 15 Page - NXP Semiconductors

Part # LPC3131
Description  Low-cost, low-power ARM926EJ-S MCUs with high-speed USB 2.0 OTG, SD/MMC, and NAND flash controller
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC3131 Datasheet(HTML) 15 Page - NXP Semiconductors

Back Button LPC3131 Datasheet HTML 11Page - NXP Semiconductors LPC3131 Datasheet HTML 12Page - NXP Semiconductors LPC3131 Datasheet HTML 13Page - NXP Semiconductors LPC3131 Datasheet HTML 14Page - NXP Semiconductors LPC3131 Datasheet HTML 15Page - NXP Semiconductors LPC3131 Datasheet HTML 16Page - NXP Semiconductors LPC3131 Datasheet HTML 17Page - NXP Semiconductors LPC3131 Datasheet HTML 18Page - NXP Semiconductors LPC3131 Datasheet HTML 19Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 68 page
background image
LPC3130_3131_1
© NXP B.V. 2009. All rights reserved.
Preliminary data sheet
Rev. 1 — 9 February 2009
15 of 68
NXP Semiconductors
LPC3130/3131
Low-cost, low-power ARM926EJ-S microcontrollers
6.3 JTAG
The Joint Test Action Group (JTAG) interface allows the incorporation of the
LPC3130/3131 in a JTAG scan chain.
This module has the following features:
• ARM926 debug access
• Boundary scan
6.4 NAND flash controller
The NAND flash controller is used as a dedicated interface to NAND flash devices.
Figure 4 shows a block diagram of the NAND flash controller module. The heart of the
module is formed by a controller block that controls the flow of data from/to the AHB bus
through the NAND flash controller block to/from the (external) NAND flash. An error
correction encoder/decoder (ECC enc/dec) module allows for hardware error correction
for support of Multi-Level Cell (MLC) NAND flash devices.
Before data is written from the buffer to the NAND flash, optionally it is first protected by
an error correction code generated by the ECC module. After data is read from the NAND
flash, the error correction module corrects any errors.
This module has the following features:
• Dedicated NAND flash interface with hardware controlled read and write accesses.
• Wear leveling support with 516 byte mode.
• Software controlled command and address transfers to support wide range of flash
devices.
Fig 4.
Block diagram of the NAND flash controller
002aae127
AHB MULTILAYER MATRIX
BUFFER
CONTROLLER
ECC
ENCODER/
DECODER
NAND INTERFACE
DMA transfer request



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com