Electronic Components Datasheet Search
  English  ▼

X  

LPC3131 Datasheet(PDF) 40 Page - NXP Semiconductors

Part # LPC3131
Description  Low-cost, low-power ARM926EJ-S MCUs with high-speed USB 2.0 OTG, SD/MMC, and NAND flash controller
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC3131 Datasheet(HTML) 40 Page - NXP Semiconductors

Back Button LPC3131 Datasheet HTML 36Page - NXP Semiconductors LPC3131 Datasheet HTML 37Page - NXP Semiconductors LPC3131 Datasheet HTML 38Page - NXP Semiconductors LPC3131 Datasheet HTML 39Page - NXP Semiconductors LPC3131 Datasheet HTML 40Page - NXP Semiconductors LPC3131 Datasheet HTML 41Page - NXP Semiconductors LPC3131 Datasheet HTML 42Page - NXP Semiconductors LPC3131 Datasheet HTML 43Page - NXP Semiconductors LPC3131 Datasheet HTML 44Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 68 page
background image
LPC3130_3131_1
© NXP B.V. 2009. All rights reserved.
Preliminary data sheet
Rev. 1 — 9 February 2009
40 of 68
NXP Semiconductors
LPC3130/3131
Low-cost, low-power ARM926EJ-S microcontrollers
[1]
On pin ADC10B_GNDA.
[2]
Conditions: VSSA = 0 V on pin ADC10B_GNDA, VDD(ADC) = 3.3 V.
[3]
The ADC is monotonic, there are no missing codes.
[4]
The differential linearity error (ED) is the difference between the actual step width and the ideal step width. See Figure 10.
[5]
The integral non-linearity (EL(adj)) is the peak difference between the center of the steps of the actual and the ideal transfer curve after
appropriate adjustment of gain and offset errors. See Figure 10.
[6]
The offset error (EO) is the absolute difference between the straight line which fits the actual curve and the straight line which fits the
ideal curve. See Figure 10.
[7]
The gain error (EG) is the relative difference in percent between the straight line fitting the actual transfer curve after removing offset
error, and the straight line which fits the ideal transfer curve. See Figure 10.
[8]
The absolute error (ET) is the maximum difference between the center of the steps of the actual transfer curve of the non-calibrated ADC
and the ideal transfer curve. See Figure 10.
[9]
See Figure 11.
Table 13.
ADC static characteristics
VDD(ADC) = 2.7 V to 3.6 V; Tamb = −40 °C to +85 °C unless otherwise specified; ADC frequency <tbd>.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VIA
analog input voltage
0[1]
-VDD(ADC)
V
Cia
analog input capacitance
-
-
<tbd>
pF
Nres(ADC)
ADC resolution
2
-
10
bit
ED
differential linearity error
[2][3][4] --
±1
LSB
EL(adj)
integral non-linearity
[2][5] --
±1
LSB
EO
offset error
[2][6] -
-
<tbd>
LSB
EG
gain error
[2][7] -
-
<tbd>
%
ET
absolute error
[2][8] -
-
<tbd>
LSB
Verr(O)
offset error voltage
−20
-
+20
mV
Verr(FS)
full-scale error voltage
<tbd>
-
<tbd>
mV
Rvsi
voltage source interface
resistance
[9] -
-
<tbd>
k
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com