Electronic Components Datasheet Search
  English  ▼

X  

LPC3131 Datasheet(PDF) 43 Page - NXP Semiconductors

Part # LPC3131
Description  Low-cost, low-power ARM926EJ-S MCUs with high-speed USB 2.0 OTG, SD/MMC, and NAND flash controller
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC3131 Datasheet(HTML) 43 Page - NXP Semiconductors

Back Button LPC3131 Datasheet HTML 39Page - NXP Semiconductors LPC3131 Datasheet HTML 40Page - NXP Semiconductors LPC3131 Datasheet HTML 41Page - NXP Semiconductors LPC3131 Datasheet HTML 42Page - NXP Semiconductors LPC3131 Datasheet HTML 43Page - NXP Semiconductors LPC3131 Datasheet HTML 44Page - NXP Semiconductors LPC3131 Datasheet HTML 45Page - NXP Semiconductors LPC3131 Datasheet HTML 46Page - NXP Semiconductors LPC3131 Datasheet HTML 47Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 68 page
background image
LPC3130_3131_1
© NXP B.V. 2009. All rights reserved.
Preliminary data sheet
Rev. 1 — 9 February 2009
43 of 68
NXP Semiconductors
LPC3130/3131
Low-cost, low-power ARM926EJ-S microcontrollers
9.
Dynamic characteristics
9.1 LCD controller
9.1.1 Intel 8080 mode
[1]
Timing is determined by the LCD Interface Control Register fields: INVERT_CS = 1; MI = 0; PS = 0;
INVERT_E_RD = 0. See LPC3130/3131
user manual.
Table 14.
Dynamic characteristics: LCD controller in Intel 8080 mode
CL =25pF, Tamb = −40 °C to +85 °C, unless otherwise specified; VDD(IO) = 1.8 V and 2.8 V (SUP8).
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
tsu(A)
address set-up time
-
1
× LCDCLK -
ns
th(A)
address hold time
-
2
× LCDCLK -
ns
tcy(a)
access cycle time
[1]
-5
× LCDCLK -
ns
tw(en)W
write enable pulse width
[1]
-2
× LCDCLK -
ns
tw(en)R
read enable pulse width
[1]
-2
× LCDCLK -
ns
tr
rise time
2
-
5
ns
tf
fall time
2
-
5
ns
tsu(D)
data input set-up time
<tbd>
-
-
ns
th(D)
data input hold time
<tbd>
-
-
ns
td(QV)
data output valid delay time
-
−1 × LCDCLK -
ns
tdis(Q)
data output disable time
-
2
× LCDCLK -
ns
Fig 12. LCD timing (Intel 8080 mode)
002aae207
mLCD_RS
mLCD_CSB
mLCD_RW_WR,
mLCD_E_RD
mLCD_DB[15:0] (16 bit mode),
mLCD_DB[15:8] (8 bit mode),
mLCD_DB[15:12] (4 bit mode)
mLCD_DB[15:0] (16 bit mode),
mLCD_DB[15:8] (8 bit mode),
mLCD_DB[15:12] (4 bit mode)
th(A)
tsu(A)
tw(en)R and tw(en)W
td(QV)
tdis(Q)
tsu(D)
th(D)
tf
tr
tcy(a)
read access
write access



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com