| Electronic Components Datasheet Search |
|
MAC7200 Datasheet(PDF) 450 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MAC7200 Datasheet(HTML) 450 Page - Freescale Semiconductor, Inc |
|
450 / 976 page ![]() PFLASH Application Usage MAC7200 Microcontroller Family Reference Manual, Rev. 2 372 Freescale Semiconductor Due to the access protection, there is a possible deadlock situation that the user can find themselves in as follows: If the DACC is programmed to only allow data fetches on Partition 0 ($0000 0000 to $0000 0FFF), and the device is reset, the user will generally be unable to boot the device from the Flash main array. 1. Boot from the Shadow Block, and enter debug mode. For this to work, the SDACC[0] must be cleared (i.e.-Instruction fetches allowed). 2. Boot from the external bus (if available). 3. Perform a JTAG Lockout Recovery sequence, which will erase the DACC. 18.7.6 Flash Program/Erase Protection and Selection Program and Erase protection refers to the ability to protect flash blocks against program and erase operations, or to program/erase only particular blocks. Table 18-11 details the block mapping for the MAC72x2 Flash. Table 18-12 details the block mapping for the MAC72x1 Flash. Table 18-11. Flash Program/Erase Blocks - MAC72x2 Address Offset Block Number Size LML/HBLa a. Similar mapping also applies to SLL register. LMS/HBS $0000 0000 $0001 FFFF LAS #0 128K (Main Array) LLOCK[0] LSEL[0] $0002 0000 $0003 FFFF LAS #1 128K (Main Array) LLOCK[1] LSEL[1] $0004 0000 $0004 3FFF MAS #0 16K (Main Array) MLOCK[0] MSEL[0] $0004 4000 $0004 7FFF MAS #1 16K (Main Array) MLOCK[1] MSEL[1] $0004 8000 $0004 BFFF MAS #2 16K (Main Array) MLOCK[2] MSEL[2] $0004 C000 $0004 FFFF MAS #3 16K (Main Array) MLOCK[3] MSEL[3] $00F0 0000 $00F0 7FFF n/a 32K (Shadow Block) SLOCK PEASb b. The PEAS field is located in the MCR register |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |