Electronic Components Datasheet Search
  English  ▼

X  

MAC7200 Datasheet(PDF) 452 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 452 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 448Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 449Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 450Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 451Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 452Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 453Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 454Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 455Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 456Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 452 / 976 page
background image
PFLASH Application Usage
MAC7200 Microcontroller Family Reference Manual, Rev. 2
374
Freescale Semiconductor
18.7.7
Flash Programming Word Size
Due to the use of ECC on a 64-bit word in the Flash array with the 32-bit ARM core, locations in the flash
(both main array and Shadow Block) must be programmed in a special manner.
As an example, to program the 64-bit Double Word at address $0000 0000, you must perform the
following sequence of accesses in order:
1. 32-bit WRITE to address $0000 0000
2. 32-bit WRITE to address $0000 0004
Even if the data being stored is only 32-bits, you must execute the second 32-bit WRITE in order to
perform the actual write into the Flash array.
18.7.8
Read-while-Write (RWW)
Read-while-Write (RWW) refers to the ability to execute code from one partition while programming or
erasing another partition. For the definition of the partitions, please refer to Section 9.12, “Flash Main
Array Memory Map”. While doing a program/erase on one block in a partition, you cannot read from
another block within the partition, unless you do a suspend, and you cannot read from the block that is
being programmed/erased; however, you can do normal reads from blocks in other partitions.
18.7.9
Flash Security
The goal of total flash security is simple:
•
Prevent any data from a secured flash from being read out of the MAC72xx in any way, shape or
form.
•
Allow complete access to the Flash when it is unsecured
On the MAC72xx, the security is determined by the state of the System Censor word (Shadow Block
address offset $7de0).
On the MAC72xx, the System Censor word in a similar manner to the CFMSEC register in the MAC71xx
CFM Flash module, as follows:
18.7.9.1
Securing the device
In order to secure the device, you must perform the following steps:
1. Program bits [1:0] of the System Censor word (in the Shadow Block at address offset $7de0) to 00
or 11.
Table 18-13. System Censor Word Definition
shad_out[31:0]
Function
[31:30]
KEYEN: 10 = Backdoor access enabled (Currently not used)
[29:2]
Reserved for future use
[1:0]
SEC:
10 = unsecured, all other values = secured



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com