Electronic Components Datasheet Search
  English  ▼

X  

MAC7200 Datasheet(PDF) 455 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 455 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 451Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 452Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 453Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 454Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 455Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 456Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 457Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 458Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 459Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 455 / 976 page
background image
MAC7200 Microcontroller Family Reference Manual, Rev. 2
Freescale Semiconductor
377
Chapter 19 SRAM and SRAM Controller
19.1
SRAM
19.1.1
SRAM Features
•
Single port RAM with chip enable/select and 1 byte write enable per byte, used for system RAM
•
Memory Map: 20KByte block on a 32KByte boundary (MAC72x2) or 32kByte block(MAC72x1),
byte addressable
•
Start Address determined by 3-bit base address of slave port in the crossbar switch. Within the
512Mb space for each crossbar switch slave port, the SRAM is replicated n times, to fill the entire
space. This allows the user to access the SRAM anywhere in the 512Mb space on a 32Kb boundary.
•
Built in ECC (2-bit detection)
19.1.2
SRAM Protocol
There is no protocol associated with the SRAM controller other than the standard AHB-Lite v2.0.
19.1.3
SRAM External Pins
There are no SRAM signals that drive or are driven from MCU pins.
19.1.4
SRAM Bus Aborts
There are two situations in which access to the SRAM can be aborted:
•
On the MAC72x2, the access results in an ECC Error. Please refer to Section 19.2.3.1, “Error
Correcting Code (ECC) for more details on handling this type of abort.
•
The access is between SRAM_BASE_ADDRESS + $5000 and SRAM_BASE_ADDRESS +
$7FFF. i.e.-between the 20K and 32K address range of the SRAM. Note that above 32K, the
address range is mirrored (Please see Section 19.1.6.2, “SRAM Address Mirroring).
19.1.5
SRAM Differences from MAC71xx
•
On the MAC72x2, changed memory size from 32K to 20K. Memory map wrap-around is 32K, not
20K.
•
Added ECC capability. See Chapter 13, “Miscellaneous Control Module (MCM) for more details
on the ECC reporting on the MAC72x2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com