Electronic Components Datasheet Search
  English  ▼

X  

MAC7200 Datasheet(PDF) 458 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 458 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 454Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 455Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 456Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 457Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 458Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 459Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 460Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 461Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 462Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 458 / 976 page
background image
Platform RAM Array Controller (PRAM_CTL)
MAC7200 Microcontroller Family Reference Manual, Rev. 2
380
Freescale Semiconductor
Figure 19-2. Block Diagram: PRAM_CTL
Figure 19-2 above shows the address and data paths throughout the PRAM_CTL. d.width above
represents the parameterizable data width of the module which can be set to values of 64 or 32. t.width
(total width) and a.width (address width) are derived from the data width parameter. t.width is a
combination of the data width and 7 ECC bits for each 32 bits of data. a.width has a value of 17 bits for a
64 bit data path and 18 bits for a 32 bit data path.
haddr
pram_addr
hwdata
pram_wdata,
ECC
Encode
pram_wdata_ecc
hrdata
ECC
Decode
pram_rdata,
pram_rdata_ecc
Late Write Buffer
d.width
a.width
t.width
t.width
a.width
d.width
t.width
reg select
hbstrb
read / write / late write
Read Modify Write Reg
Address Buffer1
write hit?
Error
Injection
Address Buffer2
Note:
1 Red : Address Path
2 Blue : Write Data Path
3 Magenta : Read Data Path



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com