Electronic Components Datasheet Search
  English  ▼

X  

MAC7200 Datasheet(PDF) 462 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 462 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 458Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 459Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 460Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 461Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 462Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 463Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 464Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 465Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 466Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 462 / 976 page
background image
Platform RAM Array Controller (PRAM_CTL)
MAC7200 Microcontroller Family Reference Manual, Rev. 2
384
Freescale Semiconductor
mcm_errbit
This vector defines the bit position which is logically complemented to create the specific data inversion
on a write operation. It is defined as:
00 pram_wdata[0] of the odd bank is inverted
01 pram_wdata[1] of the odd bank is inverted
...
31 pram_wdata[31] of the odd bank is inverted
32 pram_wdata[0] of the even bank is inverted
33 pram_wdata[1] of the even bank is inverted
...
63 pram_wdata[31] of the even bank is inverted
64 pram_wdata_ecc[0] of the odd bank is inverted
65 pram_wdata_ecc[1] of the odd bank is inverted
66 pram_wdata_ecc[2] of the odd bank is inverted
67 pram_wdata_ecc[3] of the odd bank is inverted
68 pram_wdata_ecc[4] of the odd bank is inverted
69 pram_wdata_ecc[5] of the odd bank is inverted
70 pram_wdata_ecc[6] of the odd bank is inverted
71 pram_wdata_ecc[0] of the even bank is inverted
72 pram_wdata_ecc[1] of the even bank is inverted
73 pram_wdata_ecc[2] of the even bank is inverted
74 pram_wdata_ecc[3] of the even bank is inverted
75 pram_wdata_ecc[4] of the even bank is inverted
76 pram_wdata_ecc[5] of the even bank is inverted
77 pram_wdata_ecc[6] of the even bank is inverted
All mcm_errbit unused values are reserved and unused. For the 32bit operation, values of mcm_errbit
from 32-64 and 71-77 are also reserved and unused.
hresp
The two msb of this field are tied to 0 allowing for the following supported encodings:
000 OKAY
001 ERROR which is asserted for the required two cycle response to signal an ecc_multiple_error
assertion or violation of the pram_max_addr field.
nnn All other encodings are reserved and never generated by the PRAM controller.
pram_cs_b
This is the active-low chip select. For the 64 bit implementation, there are 2 chip selects, each of which
controls a 39 bit wide memory. The chip selects for this implementation are described in Table 19-5. For
each chip select:
0 an active, qualified memory array cycle
1 an idle memory array cycle
Table 19-4. Signal Property Details (Continued)
Name
Description
Table 19-5. pram_cs_b 64 Bit Behavior
Acess Type haddr[2] pram_cs_b[1] pram_cs_b[0]
Description
IDLE
—
1
1
No access
≤ 32 bit
0
0
1
Even bank accessed
≥ 32 bit
1
1
0
Odd bank accessed
> 32 bit
—
0
0
Both banks accessed



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com