Electronic Components Datasheet Search
  English  ▼

X  

MAC7200 Datasheet(PDF) 461 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 461 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 457Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 458Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 459Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 460Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 461Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 462Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 463Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 464Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 465Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 461 / 976 page
background image
Platform RAM Array Controller (PRAM_CTL)
MAC7200 Microcontroller Family Reference Manual, Rev. 2
Freescale Semiconductor
383
differences in functionality between the 2.v6 spec and the PRAM implementation. Signals which are
exclusive to this block and not sufficiently described in Table 19-3 are further defined as well.
See Section 19.2.3.2, “Max Address,” for a more detailed description.
Table 19-4. Signal Property Details
Name
Description
htrans
A state of BUSY is not supported and furthermore is regarded as IDLE
01 IDLE - no transfer required
01 BUSY - not supported
01 NSEQ - first transfer of burst or single transfer
11 SEQL - burst transfer
pram_size
Supported power of 2 RAM array sizes are:
0111 32KB
1000 64KB
1001 128KB
1010 256KB
1011 512KB
1100 1024KB
pram_max_addr This input defines the maximum address of the attached memory array. This functionality allows
non-power-of-2 memories to be supported. See Section 19.2.3.2, “Max Address,” for a more detailed
description.
mcm_con_1bi
When asserted, one bit of write data is inverted continously on each active pram write cycle. This inserts
a single correctable error is inserted at these locations.
mcm_one_1bi
When asserted, one bit of write data is inverted, one time only, on the next active pram write cycle. This
inserts a single correctable error at this location.
mcm_con_nci
When asserted, one bit of write data is inverted continously on each active pram write cycle. In addition,
the overall parity bit associated with the active bank (pram_wdata_ecc[0]) is inverted. This inserts a
multiple bit non correctable error at these locations.
mcm_one_nci
When asserted, one bit of write data is inverted continously on each active pram write cycle. In addition,
the overall parity bit associated with the active bank (pram_wdata_ecc[0]) is inverted. This inserts a
multiple bit non correctable error at this location.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com