Electronic Components Datasheet Search
  English  ▼

X  

MAC7200 Datasheet(PDF) 460 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 460 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 456Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 457Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 458Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 459Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 460Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 461Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 462Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 463Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 464Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 460 / 976 page
background image
Platform RAM Array Controller (PRAM_CTL)
MAC7200 Microcontroller Family Reference Manual, Rev. 2
382
Freescale Semiconductor
19.2.2.2
Detailed Signal Descriptions
Signals beginning with "h" correspond to the AMBA AHB bus. Their description can be found in the
AMBA AHB-Lite 2.v6 specification. The signal descriptions below are provided to describe the
pram_rdata
input
read data from array to controller
d.width
pram_rdata_ecc
input
ecc bits for read data from array
ecc.width
pram_size
input
static size of RAM array
4
0ns (static)
pram_max_addr
input
maximum addressable memory space
18
0ns (static)
mcm_con_1bi
input
force continuous single bit correctable errors
1
Clk_Period
× 0.2
mcm_one_1bi
input
force one single bit correctable error
1
Clk_Period
× 0.2
mcm_con_nci
input
force continous multiple bit non-correctable errors
1
Clk_Period
× 0.2
mcm_one_nci
input
force one multiple bit non-correctable error
1
Clk_Period
× 0.2
mcm_errbit
input
bit position to inject error
7
Clk_Period
× 0.2
hclk
input
platform system clock
1
N/A
hresp
output
AHB transfer response
3
Clk_Period
× (1 - 0.3)
hready
output
AHB acknowledge
1
Clk_Period
× (1 - 0.3)
hrdata
output
AHB read data bus
d.width
Clk_Period
× (1 - 0.3)
pram_addr
output
array address
a.width
pram_wdata
output
write data to array
d.width
pram_wdata_ecc
output
write data ecc bits to array
ecc.width
pram_cs_b
output
chip select active low
cs.width
pram_we
output
write enable, high equals write
1
ecc_single_error
output
single error found flag
cs.width
Clk_Period
× (1 - 0.6)
ecc_multi_error
output
multiple errors found flag
cs.width
Clk_Period
× (1 - 0.6)
ecc_syndrome
output
bit position of error
cs.width
Clk_Period
× (1 - 0.6)
ecc_parity
output
overall parity of data decoded
ecc.width -
cs.width
Clk_Period
× (1 - 0.6)
ecc_haddr
output
address of error
32
Clk_Period
× (1 - 0.6)
ecc_hmaster
output
master initiating errored transfer
4
Clk_Period
× (1 - 0.6)
ecc_hsize
output
size of errored transfer
2
Clk_Period
× (1 - 0.6)
ecc_hprot
output
protection of errored transfer
8
Clk_Period
× (1 - 0.6)
ecc_hwrite
output
direction of errored transfer
1
Clk_Period
× (1 - 0.6)
1. See Appendix A, “Electrical Characteristics” for signal timing constraints.
Table 19-3. Signal Properties (Continued)
Name
Port
Function
Width
Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com