Electronic Components Datasheet Search
  English  ▼

X  

MAC7200 Datasheet(PDF) 457 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 457 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 453Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 454Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 455Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 456Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 457Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 458Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 459Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 460Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 461Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 457 / 976 page
background image
Platform RAM Array Controller (PRAM_CTL)
MAC7200 Microcontroller Family Reference Manual, Rev. 2
Freescale Semiconductor
379
Figure 19-1. Simplified Platform Block Diagram
In Figure 19-1, the platform bus is the AMBA AHB, the AXBS is the AHB crossbar switch (arbiter), and
the MCM is the Miscellaneous Control Module where error detection information is stored. Refer to the
appropriate chapter for a complete description. Contained in this document are descriptions of: interfaces
to the AHB, MCM and RAM array; the ECC (Error Correcting Code) algorithm and functionality; block
timing constraints; timing diagrams illustrating functionality and perfomance; and overall block
functionality descriptions. Shown in Figure 19-2 is a block diagram illustrating the 32 bit AHB to 17/18
bit PRAM address path and the 64/32 bit AHB to 78/39 bit PRAM data path through the module.
Core
Complex
A
X
B
S
PRAM
CTL
RAM
Array(s)
DMA2
AHB
Platform
Off Platform
Master
MCM
AHB
AIPS
IPS
IPS
Slave(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com