Electronic Components Datasheet Search
  English  ▼

X  

MAC7200 Datasheet(PDF) 459 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 459 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 455Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 456Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 457Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 458Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 459Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 460Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 461Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 462Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 463Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 459 / 976 page
background image
Platform RAM Array Controller (PRAM_CTL)
MAC7200 Microcontroller Family Reference Manual, Rev. 2
Freescale Semiconductor
381
19.2.2
PRAM_CTL Interface Description
19.2.2.1
Overview
Table 19-3 lists all block inputs and outputs. Each signal has a corresponding bit width (Width) and
timing constraint (Timing). Input timing constraints are defined as the percentage of the clock cycle, or
delay in nanoseconds, before the input is valid. Output timing constraints are defined as the percentage of
the clock cycle, or delay in nanoseconds, after the output is valid. These delays are specified in the form:
Eqn. 19-1
Eqn. 19-2
where Clk_Period refers to the period in nanoseconds, Relative_Input_Delay refers to the amount of
time before the input is valid at the interface, and Relative_Output_Delay refers to the amount of time
before the output is valid at the interface. Note that timing associated with pram* signals are not related
to the system clock and therefore static.
Table 19-2 lists the width variables used in Table 19-3 and their corresponding values depending on the
data width implementation.
.
Table 19-2. Signal Width Variables
Name
32 bit
64 bit
d.width
32
64
a.width
18
17
ecc.width
7
14
cs.width
1
2
Table 19-3. Signal Properties
Name
Port
Function
Width
Timing
hreset_b
input
asynchronous platform reset, active-low
1
See Note 1
hsel_pram
input
select for pram slave
1
Clk_Period
× 0.60
htrans
input
AHB type of transaction
2
Clk_Period
× 0.60
haddr
input
AHB address bus
32
Clk_Period
× 0.60
hwdata
input
AHB write data
d.width
Clk_Period
× 0.45
hsize
input
AHB size of transfer
2
Clk_Period
× 0.60
hbstrb
input
AHB byte strobes
d.width / 8
Clk_Period
× 0.60
hwdata
input
AHB write data
d.width
Clk_Period
× 0.60
hburst
input
AHB burst transaction type
3
Clk_Period
× 0.60
hmaster
input
AHB master address
4
Clk_Period
× 0.60
hunalign
input
AHB unalign transfer flag
1
Clk_Period
× 0.60
Input Constraint
Clk_Period
Relative_Input_Delay
×
=
Output Constraint
Clk_Period
1
Relative_Output_Delay
–
()
×
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com