Electronic Components Datasheet Search
  English  ▼

X  

MAC7200 Datasheet(PDF) 453 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 453 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 449Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 450Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 451Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 452Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 453Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 454Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 455Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 456Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 457Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 453 / 976 page
background image
PFLASH Application Usage
MAC7200 Microcontroller Family Reference Manual, Rev. 2
Freescale Semiconductor
375
2. Reset the device. The new security state does not take effect until after the device has been reset.
18.7.9.2
Unsecuring the device
In order to secure the device, you must perform the following steps:
1. Program bits [1:0] of the System Censor word (in the Shadow Block at address offset $7de0) to 10.
2. Reset the device. The new security state does not take effect until after the device has been reset.
3. If it is not possible to program the System Censor word due to the security of the system, then you
must use the Lockout Recovery procedure to unsecure the device.
CAUTION
This procedure will erase the entire contents of both the Flash Main Array
and Shadow Block. Please refer to Section 20.3, “BAM Protocol” for details
on performing the Lockout Recovery procedure.
18.7.10 Flash Timing
Please refer to Appendix A, “Electrical Characteristics” for information on program and erase times.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com