Electronic Components Datasheet Search
  English  ▼

X  

MAC7200 Datasheet(PDF) 466 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 466 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 462Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 463Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 464Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 465Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 466Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 467Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 468Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 469Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 470Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 466 / 976 page
background image
Platform RAM Array Controller (PRAM_CTL)
MAC7200 Microcontroller Family Reference Manual, Rev. 2
388
Freescale Semiconductor
19.2.3.4
Reads
Figure 19-2 shows the read data path through the PRAM_CTL. All read transfers, of any size, complete
with a zero wait states response on the AHB. Figure 19-4 shows a few examples of the timing of read
transfers on the controller’s interfaces. Whether the type of the transfer is sequential or nonsequential,
there is no difference in the timing of the controller. Furthermore, reads of less than 32 bits in size are
treated exactly the same as a 32-bit read. For the 64-bit implementation, in order to save power, only the
applicable chip select is asserted for transfers of 32 bits or less (see Table 19-5).
Figure 19-4. 64-bit Read Followed by Two 32-bit Reads
19.2.3.4.1
Unaligned Reads
Any unaligned read will execute as if the size of the transfer, as defined by the hsize, is equal to the
corresponding unaligned container size. For example, a 32-bit unaligned read will have a container of 64
bits and therefore the controller will execute the read as if it were a 64-bit read. See Table 4-5 for more
information on unaligned accesses.
19.2.3.5
Writes
19.2.3.5.1
32-bit / 64-bit Writes
The write data path is shown in Figure 19-2, highlighted in blue. Aligned 32-bit and 64-bit writes execute
in a single AHB data phase cycle allowing for zero wait states on back to back writes of these sizes.
Depending on the size and address of the write, one or both array chip selects are asserted (see Table 19-5).
12
345
addr y
addr z
addr z+4
nonseq
nonseq
seq
idle
long
word
word
data y
data z
data z+4
addr y
addr z
addr z+4
2'b00
2'b01
2'b10
2'b11
data y
data z
data z+4
hclk
haddr
htrans
hwrite
hsize
hready
hrdata
hwdata
pram_addr
pram_we
pram_cs_b
pram_rdata
pram_wdata



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com