Electronic Components Datasheet Search
  English  ▼

X  

MAC7200 Datasheet(PDF) 470 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 470 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 466Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 467Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 468Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 469Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 470Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 471Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 472Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 473Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 474Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 470 / 976 page
background image
Platform RAM Array Controller (PRAM_CTL)
MAC7200 Microcontroller Family Reference Manual, Rev. 2
392
Freescale Semiconductor
19.2.3.6
Late Write Hits
A late write hit occurs when the late write buffer is valid and the address of the late write buffer matches
haddr. The following table shows the possible late write hit scenarios and the result of each.
8-bit access to 0x1007
0x1007
0x0
10000000
0
16-bit access to 0x1000
0x1000
0x1
00000011
0
16-bit access to 0x1005
0x1004
0x2
01100000
1
16-bit access to 0x1007
0x1007
0x1008
0x0
0x0
10000000
00000001
0
0
32-bit access to 0x1000
0x1000
0x2
00001111
0
32-bit access to 0x1002
0x1000
0x3
00111100
1
32-bit access to 0x1003
0x1000
0x3
01111000
1
32-bit access to 0x1007
0x1004
0x1008
0x0
0x2
10000000
00000111
1
1
64-bit access to 0x1000
0x1000
0x3
11111111
0
64-bit access to 0x1003
0x1000
0x1008
0x3
0x2
11111000
00000111
1
1
Update byte 0x0
0x0
0x0
00000001
0
Update byte 0x1
0x1
0x0
00000010
0
Update bytes 0x1, 0x2 and 0x3
0x0
0x2
00001110
1
Update bytes 0x1, 0x2, 0x3 and 0x4
0x0
0x2
00001111
0
Update bytes 0x0, 0x1 and 0x3
0x0
0x2
00001011
1
Update bytes 0x3, 0x4 and 0x5
0x0
0x3
00111000
1
Update bytes 0x0, 0x1, 0x5 and 0x7
0x0
0x3
10100011
1
Table 19-8. Late Write Hit Cases
Access Type
haddr
lwb1 addr
lwb1 size
Action Description
Wait State?
1
64-bit read
A2
A2
64
hrdata = lwb data
No
2
64-bit read
A2
A03 or A14
32
32bit read of missing word
No
3
64-bit write
A2
A*5
—
store during address phase
No
4
≤ 32-bit read
A03
A2
64
hrdata = lwb data 0
No
5
≤ 32-bit read
A03
A03
32
hrdata = lwb data 0
No
6
≤ 32-bit read
A03
A14
32
not a hit, actually a miss, lwb held,
normal array read
No
7
32-bit write
A03
—
—
store during address phase
No
8
< 32-bit write
Ax5
Ax5
<size>6
array read if necessary
lwb/pram_rdata merged
No
Table 19-7. Unaligned Writes (Continued)
Transfer description
HADDR
HSIZE[2:0]
HBSTRB[7:0]
HUNALIGN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com