Electronic Components Datasheet Search
  English  ▼

X  

MAC7200 Datasheet(PDF) 471 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 471 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 467Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 468Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 469Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 470Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 471Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 472Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 473Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 474Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 475Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 471 / 976 page
background image
Platform RAM Array Controller (PRAM_CTL)
MAC7200 Microcontroller Family Reference Manual, Rev. 2
Freescale Semiconductor
393
In all late write hit cases, no additional wait states are inserted on the AHB. For each case in which a read
is requested, if the data all of the data is not in the late write buffer, the missing data is requested and the
read data mux (shown in Figure 19-2 before the decode block) will select the between the late write buffer
and pram_rdata.
The timing diagram in Figure 19-8 shows two cases. The first read request demonstrates the case when
all read data required is present in the late write buffer. The second case, a read modify write demonstrates
the case when only part of the data is in the late write buffer.
Figure 19-8. Late Write Hits
1. Late Write Buffer
2. 64-bit address A
3. address bit A[2]=0
4. address bit A[2]=1
5. address bit A[2]=either 1 or 0
6. any valid value can be substituted
12
345
6
addr y
addr y
nonseq
nonseq
idle
word
long
data y
data y
addr y+4
addr y
2'b11
2'b10
2'b11
2'b00
data y+4
64-bit data y
32-bit upper data y
64-bit data y
64-bit data y
hclk
haddr
htrans
hwrite
hunalign
hsize
hready
hwdata
hrdata
pram_addr
pram_we
pram_cs_b
pram_rdata
pram_wdata
late write buffer
rmw reg
Note: rmw reg : read/modify/write register shown in Figure 19-2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com