Electronic Components Datasheet Search
  English  ▼

X  

MAC7200 Datasheet(PDF) 467 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 467 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 463Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 464Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 465Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 466Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 467Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 468Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 469Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 470Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 471Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 467 / 976 page
background image
Platform RAM Array Controller (PRAM_CTL)
MAC7200 Microcontroller Family Reference Manual, Rev. 2
Freescale Semiconductor
389
If, during the data phase of a write, a read is requested on the AHB, the write is registered in the late write
buffer allowing the read to take place without a wait state. The exception occurs when the read address
matches the write address (see Section 19.2.3.6, “Late Write Hits”). The valid buffered or late write data
is stored on the next available array address phase.
This behavior is shown in Figure 19-6. Cycle 1 shows the AHB write address phase to address ’y’. In
cycle 2, a read request to address ’z’ takes priority over the write and is executed to the array while the
write data is stored to the late write buffer. The read in cycle 3 again takes precedence and the late write
buffer is held. In cycle 4, the late write is stored. The controller executes in this way for both 32 and 64-bit
sizes.
Figure 19-5. 32/64-bit writes with reads
Back to back 32/64-bit writes execute slightly differently in that the write in the AHB data phase is not
stored to the late write buffer. Rather, the write data is stored directly to the array in the same cycle in
which it is valid on the AHB. Figure 19-7 shows the write to ’addr y’ in cycle 2 executing to the array in
the same cycle as the data is valid on the AHB. In addition, the write to ’addr y+32’ in cycle 3 is registered
in the late write buffer since it is not followed by a 32 or 64-bit write transfer.
123456
7
addr y
addr z
addr z+4
addr y+4
nonseq
nonseq
seq
nonseq
idle
word
word
word
word
data z
data z+4
data y
data y+4
addr z
addr z+4
addr y
addr y+4
2'b11
2'b10
2'b01
2'b10
2'b11
2'b01
data z
data z+4
data y
data y+4
data y
data y+4
hclk
haddr
htrans
hwrite
hsize
hready
hrdata
hwdata
pram_addr
pram_we
pram_cs_b
pram_rdata
pram_wdata
late write buffer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com