Electronic Components Datasheet Search
  English  ▼

X  

MAC7200 Datasheet(PDF) 446 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 446 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 442Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 443Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 444Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 445Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 446Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 447Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 448Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 449Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 450Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 446 / 976 page
background image
PFLASH Application Usage
MAC7200 Microcontroller Family Reference Manual, Rev. 2
368
Freescale Semiconductor
The PFDACC register may be locked (i.e., writes are not allowed) by clearing PFCR2[21].
18.7.4.2
Flash MCM Registers
These registers are located within the Peripheral Bus space of the MCM (at $FC04 0000), and include the
Write ACCess protection for the main array.
18.7.4.2.1
PFWACC - PFLASH Write ACCess
The PFWACC register contains the WACC for the main array. There is no corresponding functionality for
the Shadow Block.
The PFWACC register may not be locked.
18.7.5
Flash Access Protection
Access Protection refers to the ability to block accesses of a defined type (i.e., read vs. write, user vs.
supervisor, instruction vs. data) on a section of Flash memory.
The Shadow Block has two types of access protection (mapping is shown in
Table 18-8):
Bits
Function
Reseta
a. The reset value is determined by the state of the Flash. The reset values shown are for a
fully erased Shadow Block.
[31:0]
DACC - Main Array Data/Instruction Access
0 = Data only allowed
1 = Data or Instruction allowed
$ffff ffff
Table 18-6. MCM Block Flash Registers
Register
Function
Reset Value
MUDCR
PFWACC (Write ACCess Protection)
$0000 0000
Bits
Function
Reset
[31:0]
WACC - Main Array Write Access
0 = Writes allowed
1 = Writes not allowed
$0000 0000
Table 18-7. Flash Shadow Block Access Protection Types
Field
Definition
SHSACC 0 Supervisor mode only
1 Supervisor and User mode allowed
SHDACC 0 Data fetch only
1 Instruction and Data fetch allowed



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com