Electronic Components Datasheet Search
  English  ▼

X  

MAC7200 Datasheet(PDF) 443 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 443 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 439Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 440Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 441Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 442Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 443Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 444Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 445Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 446Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 447Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 443 / 976 page
background image
PFLASH Application Usage
MAC7200 Microcontroller Family Reference Manual, Rev. 2
Freescale Semiconductor
365
NOTE
RWSC = 0 is allowed, however you must set APC = 0 and you must set the
MCR[PRD] bit = 1. This PRD bit is a H7Fb configuration bit that is located
in the H7Fb MCR register bit [7].
Example — APC and RWSC Valid Configurations
The following table shows the valid configurations of APC and RWSC given a 25MHz frequency and the
rules above. All other configurations are invalid and will cause errors
Table 18-5 shows the settings for the APC and RWSC fields, given a few frequencies. These values were
calculated using the following formulas:
Table 18-4. Flash PFCR1 Register Settings
Field
PFCR1 Bits
Allowed Values
Reserved
31:18
-
M1PFE
17
{0,1}
M0PFE
16
{0,1}
APC
15:13
{RWSC-1,...,7}
WWSC
12:11
{1,3}
RWSC
10:8
{0,...,7}
Reserved
7
-
DPFEN
6
{0,1}
Reserved
5
-
IPFEN
4
{0,1}
Reserved
3
-
PFLIM
2:1
{0,1,2,3}
BFEN
0
{0,1}
APC
RWSC
{0,1,2,3,4,5,6,7}
0
{1,2,3,4,5,6,7}
1
{2,3,4,5,6,7}
2
{3,4,5,6,7}
3
{4,5,6,7}
4
{5,6,7}
5
{6,7}
6
77



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com