Electronic Components Datasheet Search
  English  ▼

X  

MAC7200 Datasheet(PDF) 440 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 440 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 436Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 437Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 438Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 439Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 440Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 441Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 442Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 443Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 444Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 440 / 976 page
background image
PFLASH Application Usage
MAC7200 Microcontroller Family Reference Manual, Rev. 2
362
Freescale Semiconductor
— Shadow Block (New - MAC72x2): 1x32K
•
Access Protection partitioning changed
— Write protection for DACC/SACC registers changed
— Added WACC (write protect) for Flash main array only(Same partitioning as SACC/DACC)
— Flash Main Array (Old): 15x4K + 2x196K + 15x4K
— Flash Main Array (New): 15x4K + 1x196K + 15x4K + 1x196K
— Shadow Block (Old): 2x2K + 1x4K + 2x8K + 1x4K + 2x2K
— Shadow Block (New - MAC72x2): 8x4K
•
Read-while-Write (RWW) partitioning changed
— Flash Main Array (Old): 1x512K
— Flash Main Array (New - MAC72x2): 128K + 128K + 2x16K + 2x16K
— Shadow Block (Old): 1x32K
— Shadow Block (New - MAC72x2): 1x32K
•
Number of wait states increased
•
Shadow Block base address changed to FLASH_BASE + $00F0 0000
•
Security enforcement changed
— Removed Backdoor Access functionality
— Remove the KEYEN[1:0] bits from the Security Word
— Renamed CFMSEC register to System Censor Word
•
Memory map relocation (based on security/chip mode) is unchanged
•
Lockout Recovery changed
— Lockout Recovery now erases the Shadow Block as well
— Must set "start lockout recovery" bit in SC4 with RESET asserted
— No need to clear the "start lockout recovery" bit in SC4 - self clearing
— No need to re-program security word - done automatically at the end
—Must reset device at end of lockout recovery
— No software lockout recovery (i.e.-from Expanded Mode)
18.7
PFLASH Application Usage
18.7.1
Flash Terminology
Table 18-2. Flash Terminology
Term
Definition
Access Protection
The ability to block accesses of a defined type (i.e.-read vs. write, user vs. supervisor, etc.)
on a section of Flash memory. This differs from Erase/Program Protection.
Erase/Program Protection
The ability to erase or program a section of Flash memory. This differs from Access
Protection.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com