Electronic Components Datasheet Search
  English  ▼

X  

MAC7200 Datasheet(PDF) 436 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 436 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 432Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 433Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 434Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 435Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 436Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 437Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 438Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 439Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 440Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 436 / 976 page
background image
Flash Features
MAC7200 Microcontroller Family Reference Manual, Rev. 2
358
Freescale Semiconductor
when the ARM7 core is in Supervisor mode and/or when a load/store operation is being performed. Note
that all eDMA transfers are done in Supervisor/Data mode.
For information on the location of the Flash main array and Shadow Block in the memory map, refer to
Chapter 9, “Device Memory Map”.
Consult Chapter 19, “Hip7a Low-Cost Embedded Flash (H7Fb)” and Chapter 20, “SPP Flash Controller
(PFLASH_H7Fb) Module” for information on the operation and control of the on-chip Flash implemented
on the MAC7200 family of devices.
18.2
Flash Features
18.2.1
General Features
•
READ and WRITE paths through AHB
•
Configurable line buffers for performance tuning based on application
18.2.2
Main Array Features
•
512K / 320K Flash
•
Typically stores Application Code and Data
•
Memory Map: See Section 9.12, “Flash Main Array Memory Map”
•
Shares a single AHB interface with the Shadow Block
18.2.3
Shadow Block Features
•
32K Flash
•
Stores the Primary Boot Loader (PBL) and/or Parameter Data
•
Memory Map: See Section 9.13, “Shadow Block Memory Map”
•
Shares a single AHB interface with the main array
18.2.4
Flash Modes
•
Flash User Mode
— Read Operations
— Write (Program) Operations
— Erase Operation
— Entering/Exiting Stop Mode
18.3
Flash Implementation
18.3.1
MAC72x1 Flash
The Flash configuration for the MAC72x1 is as follows:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com