Electronic Components Datasheet Search
  English  ▼

X  

MAC7200 Datasheet(PDF) 435 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 435 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 431Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 432Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 433Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 434Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 435Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 436Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 437Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 438Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 439Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 435 / 976 page
background image
MAC7200 Microcontroller Family Reference Manual, Rev. 2
Freescale Semiconductor
357
Chapter 18
FLASH (H7Fb) and FLASH Controller (PFLASH)
This chapter provides an overview of the flash array and the flash controller as they are implemented on
the MAC72xx. Please refer to Chapter 19, “Hip7a Low-Cost Embedded Flash (H7Fb)” for more detailed
technical information on the flash array, and Chapter 20, “SPP Flash Controller (PFLASH_H7Fb)
Module” for more detailed information on the flash controller.
18.1
Introduction
The Flash Module provides the non-volatile memory and its control interface for the MAC7200 family of
devices. Its implementation offers a range of memory sizes depending on the device and intended function
of the memory. For more information on the non-volatile memory options within the MAC7200 family
please refer to Figure 1-1 in Chapter 1, “Introduction”.
The Flash provides two types of memory, the Flash main array and the Shadow Block. The Flash main
array (also sometimes referred to as the Program Flash) is connected directly to the core via the crossbar
switch (See Chapter 16, “AHB to IPI Bridge (AIPS)”). The Shadow Block can be used to store the primary
boot loader. This memory is accessed across the same interface as the Flash main array and is constructed
using the same basic array and memory cell as the Flash main array.
On the MAC72x1 devices 512 K of Flash main array and a 32K Shadow Block are available, on the
MAC72x2 devices, up to 320K of Flash main array and a 32K Shadow Block are available.
The Shadow Block includes several locations which hold information on the state of the Flash main array
and Shadow Block protection, access and security, as well as a security key to unlock the device, if
enabled. The security state of the entire MCU is determined solely by the security settings stored in the
Shadow Block. The device can only be unlocked by writing this security key or by using a JTAG Lockout
Recovery mechanism to erase and very the contents of the non-volatile memory. Please refer to
Section 18.7.9, “Flash Security” for more details.
Both the Flash main array and Shadow Block memories are provided with protection sectors to help
eliminate errors caused by inadvertent program or erase operations being executed on the wrong area of
the memory. The Flash main array has 6 protected sectors, with 2 sectors of 128K and 4 sectors of 16K.
The Shadow Block has a single sector of 32K.
— Flash Main Array (New): 15x4K + 1x196K + 15x4K + 1x196K
— Shadow Block (New): 8x4K
In addition to the erase/program protection provided, both the Flash main array and Shadow Block may
be protected against unintended accesses, based on the access type (read vs. write, supervisor vs. user
mode and instruction fetch vs. data access). The Flash main array has 32 access protection sectors, 30 with
4K and 2 with the remaining 200K. The Shadow Block has 8 access protection sectors, each with 4K, and
may not be protected against writes. This will restrict accesses to the defined sector to be only possible



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com