Electronic Components Datasheet Search
  English  ▼

X  

MAC7200 Datasheet(PDF) 438 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 438 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 434Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 435Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 436Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 437Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 438Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 439Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 440Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 441Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 442Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 438 / 976 page
background image
Flash Implementation
MAC7200 Microcontroller Family Reference Manual, Rev. 2
360
Freescale Semiconductor
Figure 18-2. MAC72x2 Flash Blocks and Partitions
This remapping needs to be taken into account, when accessing the H7fb control registers. For example
the MLOCK[3:0] field in the Low/Mid Address Space Block Locking Register, is mapped to the following
address ranges (using SC mode):
•
MLOCK[0] = address range 384k to 512k-1
•
MLOCK[1] = address range 256k to 384k-1
The LLOCK[15:0] mapping for SC mode is:
•
LLOCK[0] = address range 128k to 144k-1
•
LLOCK[1] = address range 144k to 160k-1
•
...
•
LLOCK[4] = address range 192k to 208k-1
•
...
•
LLOCK[8]= address range 0 to 64k-1
•
LLOCK[9]= address range 64kto 128k-1
18.3.2
MAC72x2 Flash
The Flash configuration for the MAC72x2 is as follows:
•
SFS = 1 (Special Flash selected: 320k)
•
SIZE = 1 (Normal size 512k, with SFS: 320k)
16k Block 1
128k
128k
288k
256k
0
128k
32k
Shadow Block
MAS
LAS
Shown are the address
locations for Single
Chip Mode.
Block 0
Block 1
16k Block 0
16k Block 2
16k Block 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com