Electronic Components Datasheet Search
  English  ▼

X  

MAC7200 Datasheet(PDF) 441 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 441 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 437Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 438Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 439Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 440Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 441Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 442Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 443Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 444Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 445Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 441 / 976 page
background image
PFLASH Application Usage
MAC7200 Microcontroller Family Reference Manual, Rev. 2
Freescale Semiconductor
363
18.7.2
Enabling the PFLASH
It is not necessary to enable the Flash controller before it can be used. However, it is generally a good idea
to configure the correct settings in the Flash controller as soon as possible after boot for performance
reasons.
18.7.3
Flash Array Memory Map
Please refer to Section 9.12, “Flash Main Array Memory Map” and Section 9.13, “Shadow Block Memory
Map” for more details on the Flash Main Array and Shadow Block memory map.
18.7.4
Flash Registers
The Flash related registers are located in two places:
•
Flash Block - Programming/Erase and BIU registers located within the Peripheral Bus space of the
Flash block itself. The BIU registers are used by the Flash Controller for access protection and
performance tuning.
•
MCM - Flash Write ACCess (WACC) register located within the Peripheral Bus space of the MCM
block.
18.7.4.1
Flash Block User Registers
These registers are located within the Peripheral Bus space of the Flash (at $FC0F 0000), and include
program/erase related registers and BIU registers.
Read-while-Write (RWW)
The ability to read code/data from one partition while erasing or programming another
partition.
Block
The smallest unit to which Erase/Program Protection may be applied.
Partition
The smallest unit to which Read-while-Write may be applied.
Programmed
A bit is programmed when it is logical ‘0’
Erased
A bit is erased when it is logical ‘1’
Suspend
Suspends the current erase of a block so a read could be done within its partition.
Table 18-3. Flash Block IPI User Registers
Register
Address
Offset
Function
Reset Value
MCR
$0000
Module Configuration
$1101 3600
LML
$0004
LAS/MAS/Shadow Erase/Program Protection
From Shadow $7de8
HBL
$0008
HAS Erase/Program Protection
From Shadow $7df0
SLL
$000c
LAS/MAS Erase/Program Protection
From Shadow $7df8
Table 18-2. Flash Terminology
Term
Definition



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com