Electronic Components Datasheet Search
  English  ▼

X  

MAC7200 Datasheet(PDF) 445 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 445 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 441Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 442Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 443Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 444Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 445Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 446Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 447Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 448Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 449Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 445 / 976 page
background image
PFLASH Application Usage
MAC7200 Microcontroller Family Reference Manual, Rev. 2
Freescale Semiconductor
367
The PFAPR[31:4] register bits may not be locked. PFAPR[3:2] may be locked by clearing PFCR2[17],
and PFAPR[1:0] may be locked by clearing PFCR2[16]
18.7.4.1.3
PFCR2 - PFLASH Configuration Register 2
The PFCR2 register contains register locking, Shadow SACC/DACC and line buffer configuration.
The PFCR2 register is not lockable.
18.7.4.1.4
PFSACC - PFLASH Supervisor/user ACCess
The PFSACC register contains the SACC for the main array.
The PFSACC register may be locked (i.e., writes are not allowed) by clearing PFCR2[22].
18.7.4.1.5
PFDACC - PFLASH Data/instruction ACCess
The PFDACC register contains the SACC for the main array.
Bits
Function
Reseta
a. The reset value is determined by the state of the Flash. The reset values shown are for a
fully erased Shadow Block.
[31:30] LBCFG - Line Buffer Configuration
11
[29:24] Reserved for future use
11111
[23]
CR1UNL - Enable Writes to the PFCR1 register
1
[22]
SACCUNL - Enable Writes to the PFSACC register
1
[21]
DACCUNL - Enable Writes to the PFDACC register
1
[20:18] Reserved for future use
111
[17:16] MPAUNL - Enable Writes to the M0AP/M1AP bits in the PFAPR
[17] - M1AP
[16] - M0AP
1
1
[15:8]
SHSACC - Shadow Supervisor/User Access
0 = Supervisor only allowed
1 = Supervisor or User allowed
$ff
[7:0]
SHDACC - Shadow Data/Instruction Access
0 = Data only allowed
1 = Data or Instruction allowed
$ff
Bits
Function
Reseta
a. The reset value is determined by the state of the Flash. The reset values shown are for a
fully erased Shadow Block.
[31:0]
SACC - Main Array Supervisor/User Access
0 = Supervisor only allowed
1 = Supervisor or User allowed
$ffff ffff



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com