Electronic Components Datasheet Search
  English  ▼

X  

MAC7200 Datasheet(PDF) 444 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 444 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 440Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 441Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 442Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 443Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 444Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 445Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 446Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 447Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 448Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 444 / 976 page
background image
PFLASH Application Usage
MAC7200 Microcontroller Family Reference Manual, Rev. 2
366
Freescale Semiconductor
Eqn. 18-1
Eqn. 18-2
with the following parameters :
•
H7fb access delay tacc = 29 ns
•
H7fb pipelined read delay trr = 18 ns
•
pflash_h7fb delay = 2 ns
•
axbs hrdata delay = 1.5 ns
•
bus master setup = 2.5 ns
•
Total Data Delay = 35 ns
•
Total Addr Delay = 24 ns
18.7.4.1.2
PFAPR - PFLASH Access Protection Register
The PFAPR register contains access protection controls. The ARM7 core is designated M0, and the DMA
is designated M1.
The reset value corresponds to the ARM7 core having read/write access, and the DMA not.
Table 18-5. Flash Controller APC and RWSC Settings
Frequency (MHz)
Period (ns)
APC
RWSC
PRD
Notes
20
50
0
0
1
See Note a
a. APC must be greater than or equal to RWSC at this frequency. If APC < RWSC, a pipelined read will
return data before the previous read data has been acknowledged. Therefore, the previous read will
return data from the next pipelined read
25
40
0
0
1
See Note a
30
33.33
0
0
1
See Note a
40
25
0
1
1
See Note b
b. APC must be greater than or equal to RWSC-1 at this frequency. If APC < RWSC-1, a pipelined read
will return data before the previous read data has been acknowledged. Therefore, the previous read
will return data from the next pipelined read
50
20
1
1
1
See Note a
60
16.66
1
1
0
See Note a
70
14.286
1
2
0
See Note b
Bits
Function
Reset
[31:4]
MxAP - Master x Access protection (not used)
$0000000
[3:2]
M1AP - DMA Access protection
00
[1:0]
M0AP - Core Access protection
01
APC
Int
Total Addr Delay
Period
--------------------------------------------
⎝⎠
⎛⎞
=
RWSC
Int
Total Data Delay
Period
--------------------------------------------
⎝⎠
⎛⎞
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com