Electronic Components Datasheet Search
  English  ▼

X  

MAC7200 Datasheet(PDF) 431 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 431 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 427Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 428Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 429Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 430Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 431Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 432Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 433Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 434Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 435Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 431 / 976 page
background image
FlexBus Application Usage
MAC7200 Microcontroller Family Reference Manual, Rev. 2
Freescale Semiconductor
353
•
The mix of external bus signals available at pins is different from the MAC71x1 to the MAC72xx.
•
Fixed MUCts01460: Thumb mode accesses have incorrect address and/or byte selects
17.7
FlexBus Application Usage
17.7.1
Enabling the FlexBus
It is not necessary to enable the FlexBus before it can be used. Please see Section 17.7.2, “Global Chip
Select Mode below for more information on the behavior of the FlexBus out of reset.
17.7.2
Global Chip Select Mode
After reset, the FlexBus is put into a Global Chip Select Mode, where all external bus accesses map to CS0.
This allows the maximum flexibility to boot from external sources before the FlexBus is configured. The
configuration of CS0 in Global Chip Select Mode is as follows:
To exit Global Chip select mode, set the Valid bit in the CSMR0 register. The only possibility to enter
Global Chip Select mode again after that is a Reset. Until Global Chip Select Mode is exited, all chip
selects, other than CS0, are unavailable. Outside of Global Chip Select mode, the CS0 registers behave
identically to all other chip select registers.
When modifying the configuration of a chip select, it is generally recommended to first clear the Valid bit
for that chip select in order to avoid possible race conditions between external bus accesses and
Table 17-11. Global Chip Select Mode Configuration
Register
Field Values at Reset
CSAR0
0x0000_0000
CSMR0
0x0000_0000
CSCR0
SWS[31:26] = 0x00
SWSEN[23] = 0
ASET[21:20] = 11
RDAH[19:18] = 11
WRAH[17:16] = 11
WS[15:10] = 0x3f (63 wait states)
MUX[9] = 0
AA[8] = from pin PF2
PS1[7] = from pin PF3
PS0[6] = 1
BEM[5] = 0
BSTR[4] = 0
BSTW[3] = 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com