Electronic Components Datasheet Search
  English  ▼

X  

MAC7200 Datasheet(PDF) 430 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 430 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 426Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 427Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 428Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 429Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 430Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 431Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 432Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 433Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 434Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 430 / 976 page
background image
FlexBus Differences from MAC71xx
MAC7200 Microcontroller Family Reference Manual, Rev. 2
352
Freescale Semiconductor
Supervisor Access: Unused
17.5.2
FlexBus Interface
In addition to the IPI interface, the FlexBus can also abort external bus transfers. The following transfers
will be aborted:
•
Transfers to an external bus address which does not map into any chip select address range
17.6
FlexBus Differences from MAC71xx
•
The FlexBus interface has numerous small differences from the EIM. Please refer to the respective
Block Guides for differences in programming interface and protocol.
— Changed offset of registers from $0080 to $0000
— Changed max number of wait states from 15 to 63
— Added Secondary Wait State functionality (SWS, SWSEN bits in the CSCR)
— Added Extended Transfer Start functionality (EXTS bit in the CSCR)
— Added Address Setup and Hold functionality (ASET, RDAH, WDAH bits in the CSCR)
— Added Multiplexed address Mode (MUX bit in the CSCR)
Table 17-9. FlexBus Bus Aborts
Abort
Allowed
$0000-$3fff
None
Table 17-10. MAC71x1 to MAC72xx External Bus mapping
MAC71x1
MAC72xx
A[21:0]
ADDR[21:0]
D[15:0]
DATA[15:0]
CS0
CS0
CS1
CS1
CS2
CS2
OE
OE
BS0
BWE0
BS1
BWE1
RW
RW
CLKOUT
CLKOUT
TA
TA
AS
-
-
TBST



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com