Electronic Components Datasheet Search
  English  ▼

X  

MAC7200 Datasheet(PDF) 428 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 428 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 424Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 425Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 426Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 427Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 428Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 429Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 430Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 431Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 432Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 428 / 976 page
background image
Functional Description
MAC7200 Microcontroller Family Reference Manual, Rev. 2
350
Freescale Semiconductor
Figure 17-5. Connections for External Memory Port Sizes
17.4.3
Bus Cycle Execution
Basic bus operations occur in four clocks, as follows:
1. At the first clock edge, the address, and attributes are driven.
2. CSn is asserted at the second rising clock edge to indicate which device has been selected and by
that time the address and attributes are valid and stable. is negated at this edge.
For a write transfer, data is driven on the bus at this clock edge and continues to be driven until one
clock cycle after CSn negates. For a read transfer, data is also returned at this cycle.
External slave asserts TA at this clock edge.
3. Read data and TA are sampled on the third clock edge. TA can be negated after this edge and read
data can then be tristated.
4. CSn is negated at the fourth rising clock edge. This last clock of the bus cycle uses what would be
an idle clock between cycles to provide hold time for address, attributes, and write data.
17.4.3.1
Data Transfer Cycle States
The data transfer operation in the MAC7200 is controlled by an on-chip state machine. The state transition
diagram for basic read and write cycles is shown in Figure 17-6.
MAC72xx
DATA[15:8]
DATA[7:0]
External Data Bus
Byte Lanes
Byte 0 (MSB)
Byte 1
Byte 2
Byte 3 (LSB)
16-Bit Port Memory
Byte 0 (MSB)
Byte 1
Byte 2
Byte 3 (LSB)
8-Bit Port Memory
Byte Select
BWE0
BWE1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com