Electronic Components Datasheet Search
  English  ▼

X  

MAC7200 Datasheet(PDF) 424 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 424 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 420Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 421Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 422Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 423Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 424Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 425Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 426Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 427Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 428Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 424 / 976 page
background image
Chip-Select Operation
MAC7200 Microcontroller Family Reference Manual, Rev. 2
346
Freescale Semiconductor
Table 17-6 describes CSMR fields.
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
R
BAM
W
Reset
0
0
000
0000
000
000
0
Reg
Addr
MBAR + 0x04 (CSMR0); 0x10 (CSMR1); 0x1C (CSMR2)
15
14
13
12
11
10
9876
543
210
R
0
0
000
00
WP
0
000
000
V
W
Reset
0
0
000
0000
000
000
0
Reg
Addr
MBAR + 0x04 (CSMR0); 0x10 (CSMR1); 0x1C (CSMR2)
Figure 17-3. Chip-Select Mask Registers (CSMRn)
Table 17-6. CSMRn Field Descriptions
Bits
Name
Description
31–16
BAM
Base address mask. Defines the chip-select block size by masking address bits. Setting a
BAM bit causes the corresponding CSAR bit to be a “don’t care” in the decode.
0 Corresponding address bit is used in chip-select decode.
1 Corresponding address bit is a don’t care in chip-select decode.
The block size for CSn is 2n; n = (number of bits set in respective CSMR[BAM]) + 16.
For example, if CSAR0 = 0x0000 and CSMR0[BAM] = 0x0008, CS0 would address two
discontinuous 64-Kbyte memory blocks: one from 0x0000–0xFFFF and one from
0x8_0000–0x8_FFFF.
In another example, CS0 is setup to access 32 Mbytes of address space starting at
location 0x0 and CS1 is setup to access 16 Mbytes at the next byte after CS0. Then
CSAR0 = 0x0000, CSMR0[BAM] = 0x01FF, CSAR1 = 0x0200, and CSMR1[BAM] =
0x00FF.However, the size of the window may also physically be constrained by the size of
the data port, which constrains the number of address lines available in some modes.
15–9
—
Reserved, should be cleared
8
WP
Write protect. Controls write accesses to the address range in the corresponding CSAR.
Attempting to write to the range of addresses for which CSARn[WP] = 1 results in the
appropriate chip-select not being selected and . No exception occurs.
0 Both read and write accesses are allowed
1 Only read accesses are allowed
7–1
—
Reserved, should be cleared
0
V
Valid bit. Indicates whether the corresponding CSAR, CSMR, and CSCR contents are
valid. Programmed chip-selects do not assert until V bit is set (except for CS0, which acts
as the global chip-select). Reset clears each CSMRn[V]. At reset, no chip-select other than
CS0 can be used until the CSMR0[V] is set. At which point CS[2:0] functions as configured.
0 chip-select invalid
1 chip-select valid



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com