Electronic Components Datasheet Search
  English  ▼

X  

MAC7200 Datasheet(PDF) 422 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 422 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 418Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 419Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 420Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 421Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 422Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 423Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 424Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 425Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 426Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 422 / 976 page
background image
Chip-Select Operation
MAC7200 Microcontroller Family Reference Manual, Rev. 2
344
Freescale Semiconductor
17.3.1.2
Global Chip-Select Operation
CS0, the global (boot) chip-select, allows address decoding for boot ROM before system initialization. Its
operation differs from other external chip-select outputs after system reset.
After system reset, CS0 is asserted for every external access. No other chip-select can be used until the
valid bit, CSMR0[V], is set, at which point CS0 functions as configured. After this, CS[2:1] can be used
as well. At reset, the port size, and automatic acknowledge functions of the global chip-select are
determined by the logic levels on the PF[3:2] signals (see Table 17-1 and Table 17-2).
17.3.2
Chip-Select Registers
The following tables describe in detail the registers and bit meanings for configuring chip-select operation.
The chip-select controller register map is accessed relative to the memory base address register (MBAR).
Table 17-4 shows the chip-select register memory map. Reading unused or reserved locations terminates
normally and returns zeros.
Table 17-4. Chip-Select Registers
Offset
[31:24]
[23:16]
[15:8]
[7:0]
ResetValue
Access 1
1. The access column indicates whether the corresponding register allows both read/write functionality (R/W), read-only
functionality (R), or write-only functionality (W). A read access to a write-only register returns zeros. A write access
to a read-only register has no effect.
0x00
Chip-select address
register—bank 0 (CSAR0)
Reserved 2
2. Addresses not assigned to a register and undefined register bits are reserved for expansion. Write accesses to these
reserved address spaces and reserved register bits have no effect.
0x0000_0000
R/W
0x04
Chip-select mask register—bank 0 (CSMR0)
0x0000_0000
R/W
0x08
Chip-select control register—bank 0 (CSCR0)
BSTW = 0
BSTR = 0
PS = AD[1:0]
AA = AD[2]
WS = 111111
WRAH = 11
RDAH = 11
ASET = 11
SWSEN = 0
SWS = 000000
R/W
0x0C
Chip-select address
register—bank 1 (CSAR1)
Reserved 2
0x0000_0000
R/W
0x10
Chip-select mask register—bank 1 (CSMR1)
0x0000_0000
R/W
0x14
Chip-select control register—bank 1 (CSCR1)
0x0000_0000
R/W
0x18
Chip-select address
register—bank 2 (CSAR2)
Reserved 2
0x0000_0000
R/W
0x1C
Chip-select mask register—bank 2 (CSMR2)
0x0000_0000
R/W
0x20
Chip-select control register—bank 2 (CSCR2)
0x0000_0000
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com