Electronic Components Datasheet Search
  English  ▼

X  

MAC7200 Datasheet(PDF) 419 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 419 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 415Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 416Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 417Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 418Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 419Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 420Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 421Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 422Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 423Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 419 / 976 page
background image
External Signals
MAC7200 Microcontroller Family Reference Manual, Rev. 2
Freescale Semiconductor
341
•
Implements a programmable version of the MCF5407 External Bus protocol
•
Byte, word, longword, and line sized transfers
•
Programmable burst and burst-inhibited transfers selectable for each chip select and transfer
direction
•
Programmable address setup time with respect to the assertion of chip select
•
Programmable address hold time with respect to the negation of chip select and transfer direction
17.1.3
FlexBus Implementation
The FlexBus is an enhanced version of the EIM bus implemented on the MAC71xx family of devices. It
has the following special enhancements over the FlexBus controllers found on other devices:
•
Issues a bus abort for all transfers that do not hit any chip selects
17.1.4
FlexBus Memory Map Relocation
As discussed in Section 9.16, “Memory Map Relocation”, there is the possibility to relocate the base
address of the FlexBus at reset, including the option of removing it completely from the memory map (for
security reasons).
17.2
External Signals
This section describes the external signals that are involved in data transfer operations. Table 17-3
summarizes the MAC7200 FlexBus signals.
If full address decoding is done externally for anything other than an 8-bit port size, then ADDR[21:0] and
SIZE[1:0] is required, otherwise only ADDR[21:1] and BS0/BS1 are required. The basis for this required
scheme is:
•
On a 8-bit port size, only pins DATA[7:0] are available
Table 17-3. FlexBus Signal Summary
Signal Name
Direction
Description
Reset State
CS[2:0]1
1. On maskset 0M34D, output is always enabled
O
General purpose chip-selects
Hi-Z
ADDR[21:0]
O
Address bus
Hi-Z
DATA[15:0]
I/O
Data bus
Hi-Z
BWE[1:0]1
O
Byte Selects
Hi-Z
OE1
O
Output Enable
Hi-Z
R/W
O
Read/Write. 1 = Read, 0 = Write
Hi-Z
TBST
O
Burst Transfer indicator
Hi-Z
TA
I
Transfer Acknowledge
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com