Electronic Components Datasheet Search
  English  ▼

X  

MAC7200 Datasheet(PDF) 417 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 417 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 413Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 414Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 415Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 416Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 417Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 418Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 419Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 420Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 421Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 417 / 976 page
background image
MAC7200 Microcontroller Family Reference Manual, Rev. 2
Freescale Semiconductor
339
Chapter 17
External Bus Interface (FlexBus)
17.1
Introduction
This chapter describes data transfer operations, error conditions, and reset operations. It describes transfers
initiated by the MAC7200 and includes detailed timing diagrams showing the interaction of signals in
supported bus operations.
NOTE
Unless otherwise noted, in this chapter “clock” refers to the CLKOUT used
for the bus.
The external bus interface on the MAC7200 can be used as a bus interface to external peripherals or
memories. In general, the external bus is available on larger pin count packages only, which also makes it
ideal for debugging purposes. It is a simple, flexible bus that supports a variety of external memory devices
with little or no external logic needed, and is based on the external bus of the 68000/Coldfire family of
devices. All transfers on the external bus are controlled by the MCU masters (CPU or eDMA) only (i.e.,
the MAC7200 device may not be used as an external bus slave).
The interface is implemented with a 16-bit data bus capable of supporting byte, half word (2 byte) and
word (4 byte) transfers.
Accesses which are greater than the selected port width of the data bus (i.e.,16-bit access with an 8-bit Port
Size) are automatically decomposed into a sequence of individual transfers. The address bus has up to 22
address lines (ADDR0[0:21]), allowing access to up to 4Mbytes of external addresses.
Three chip select signals (CS[0:2]) can be configured for different address ranges and transfers types,
including Auto Acknowledge with a defined number of wait states. If an access to the external bus maps
to no chip selects, the FlexBus will return a bus abort. Accesses that map to multiple chip selects will cause
multiple chip selects to be asserted. It is the responsibility of the external hardware to correctly handle this
situation, especially in the case of a read.
Chip select CS0 can be dedicated to boot ROM access and can be programmed to be byte (8 bits), word
(16 bits), or longword (32 bits) wide. Control signal timing is compatible with common ROM / flash
memories.
The port width of the data bus can be selected as either 8-bits or 16-bits wide. The value of Port F3 on reset
is used to determine the external data bus port width, as described in Section 2.2, “MCU Hardware
Configuration Summary” and Table 17-2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com