Electronic Components Datasheet Search
  English  ▼

X  

MAC7200 Datasheet(PDF) 418 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 418 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 414Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 415Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 416Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 417Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 418Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 419Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 420Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 421Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 422Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 418 / 976 page
background image
Introduction
MAC7200 Microcontroller Family Reference Manual, Rev. 2
340
Freescale Semiconductor
17.1.1
Block Diagram
The block diagram of the FlexBus is shown in Figure 17-1.
Figure 17-1. FlexBus Controller Conceptual Diagram
(Non-Muxed Implementation)
17.1.2
Features
The following list summarizes the key FlexBus features on the MAC7200:
•
22-bit address bus (Maximum of 22 bits pinned out on the MAC72xx)
•
8/16-bit data bus (Maximum of 16-bits pinned out on the MAC72xx)
•
3 dedicated Chip Selects (Maximum of 3 chip selects pinned out on the MAC72xx)
•
Slave only (MAC72xx is always Master)
Table 17-1. External Bus Auto Acknowledge Configuration
PF2/AA
Description
0
Disabled. Use the TA input to acknowledge transfers
1
Enabled. Transfers are acknowledged internally, but may also be
acknowledged using the TA input
Table 17-2. External Bus Port Size Configuration
PF3/PS
Description
0
Port Size is 8-bits (DATA0 to DATA7)
1
Port Size is 16-bits (DATA0 to DATA15)
TA
OE
R/W
TBST
BWE[0:1]
ADDR (Address)
DATA (Data)
CS[2:0]
FlexBus
Interface
Controller
Chip-Select
Module
IPBI
Chip-Select
Module
Master
External
Slaves
Internal
Peripheral Bus



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com