Electronic Components Datasheet Search
  English  ▼

X  

MAC7200 Datasheet(PDF) 421 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 421 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 417Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 418Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 419Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 420Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 421Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 422Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 423Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 424Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 425Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 421 / 976 page
background image
Chip-Select Operation
MAC7200 Microcontroller Family Reference Manual, Rev. 2
Freescale Semiconductor
343
17.2.8
Transfer Acknowledge (TA)
This signal indicates that the external data transfer is complete. During a read cycle, when the processor
recognizes TA, it latches the data and then terminates the bus cycle. During a write cycle, when the
processor recognizes TA, the bus cycle is terminated.
If auto-acknowledge is disabled, the external device drives TA to terminate the bus transfer; if
auto-acknowledge is enabled, the TA is generated internally after a specified wait states or the external
device may assert external TA before the wait-state countdown which in turn terminates the cycle early.
The MAC7200 negates CSn a cycle after the last TA asserts. During read cycles, the peripheral must
continue to drive data until TA is recognized. For write cycles, the processor continues to drive data one
clock after CSn is negated.
The number of wait states is determined either by internally programmed auto acknowledgement or by the
external TA input. If the external TA is used, the peripheral has total control on the number of wait states.
17.3
Chip-Select Operation
Each chip-select has a dedicated set of the following registers for configuration and control.
•
Chip-select address registers (CSARn) control the base address space of the chip-select.
Section 17.3.2.1, “Chip-Select Address Registers (CSAR0–CSAR2).
•
Chip-select mask registers (CSMRn) provide 16-bit address masking and access control.
Section 17.3.2.2, “Chip-Select Mask Registers (CSMR0–CSMR2).
•
Chip-select control registers (CSCRn) provide port size and burst capability indication, wait-state
generation, address setup and hold times, and automatic acknowledge generation features.
Section 17.3.2.3, “Chip-Select Control Registers (CSCR0–CSCR2).
CS0 is a global chip-select after reset and provides re-locatable boot ROM capability.
17.3.1
General Chip-Select Operation
When a bus cycle is initiated, the MAC7200 first compares its address with the base address and mask
configurations programmed for chip-selects 0–2 (configured in CSCR0–CSCR2). If the driven address
matches a programmed chip-select, the appropriate chip-select is asserted fulfilling the requirements as
programmed in the respective configuration register.
17.3.1.1
8-bit and 16-bit Port Sizing
Static bus sizing is programmable through the port size bits, CSCR[PS]. See Section 17.3.2.3,
“Chip-Select Control Registers (CSCR0–CSCR2).” Note that the MAC7200 always drives a 22-bit
address on the address bus in the first cycle regardless of the external device’s address size. The external
device must connect its address lines to the appropriate ADDR bits starting from ADDR0 and upward. It
must also connect its data lines to the DATA bus starting from the DATA15 and downward. No bit ordering
is required when connecting address and data lines to the bus. For example, a 16-bit address/16-bit data
device would connect its addr[15:0] to ADDR[15:0] and data[15:0] to DATA[15:0]. See Figure 17-5 for
graphical connection.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com