Electronic Components Datasheet Search
  English  ▼

X  

MAC7200 Datasheet(PDF) 423 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 423 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 419Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 420Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 421Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 422Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 423Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 424Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 425Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 426Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 427Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 423 / 976 page
background image
Chip-Select Operation
MAC7200 Microcontroller Family Reference Manual, Rev. 2
Freescale Semiconductor
345
17.3.2.1
Chip-Select Address Registers (CSAR0–CSAR2)
CSARn, Figure 17-2, specify the chip-select base addresses.
17.3.2.2
Chip-Select Mask Registers (CSMR0–CSMR2)
CSMRn, Figure 17-2, are used to specify the address mask and allowable access types for the respective
chip-selects.
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
RBA
W
Reset
0
0
000
0000
000
000
0
Reg
Addr
MBAR + 0x00 (CSAR0); 0x0C (CSAR1); 0x18 (CSAR2)
15
14
13
12
11
10
9876
543
210
R
0
0
000
0000
000
000
0
W
Reset
0
0
000
0000
000
000
0
Reg
Addr
MBAR + 0x00 (CSAR0); 0x0C (CSAR1); 0x18 (CSAR2)
Figure 17-2. Chip-Select Address Registers (CSARn)
Table 17-5. CSARn Field Descriptions
Bits
Name
Description
31–16
BA
Base address. Defines the base address for memory dedicated to chip-select CSn. BA is
compared to bits 31–16 on the internal address bus to determine if chip-select memory is
being accessed.
15–0
—
Reserved, should be cleared



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com