Electronic Components Datasheet Search
  English  ▼

X  

MAC7200 Datasheet(PDF) 427 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 427 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 423Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 424Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 425Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 426Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 427Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 428Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 429Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 430Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 431Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 427 / 976 page
background image
Functional Description
MAC7200 Microcontroller Family Reference Manual, Rev. 2
Freescale Semiconductor
349
17.4
Functional Description
17.4.1
Data Transfer Operation
Data transfers between the MAC7200 and other devices involve the following signals:
•
Address / data bus (ADDR[21:0] / DATA[15:0])
•
Control signal TA
•CSn
•
OE
•
BWE[1:0]
•
Attribute signals (R/W, TBST)
The address and write data (ADDR[21:0] and DATA[15:0]), R/W, CSn, and all attribute signals change on
the rising edge of the clock. Read data is registered in the MAC7200 on the rising edge of the clock.
The MAC7200 FlexBus supports byte, word, longword, and 16-byte cache line operand transfers and
allows accesses to 8- and 16-bit data ports. Transfer parameters such as address setup and hold, port size,
the number of wait states for the external device being accessed, automatic internal transfer termination
enable or disable, and burst enable or disable are programmed in the chip-select control registers (CSCRs),
Section 17.3.2.3, “Chip-Select Control Registers (CSCR0–CSCR2).
17.4.2
Data Byte Alignment and Physical Connections
The MAC7200 aligns data transfers in FlexBus byte lanes, the number of lanes depending on the width of
the data port. Figure 17-5 shows the byte lanes that external memory should be connected to and the
sequential transfers if a longword is transferred for two port sizes. For example, an 8-bit memory should
be connected to the single lane DATA[7:0]. A longword transfer through this 8-bit port takes four transfers
on DATA[7:0], starting with the MSB and going to the LSB. A longword transfer through a 16-bit port
requires two transfers on each of the two byte lanes of the FlexBus.
3
BSTW
Burst write enable. Specifies whether burst writes are used for memory associated with
each CSn.
0
Break data larger than the specified port size into individual port-sized, non-burst
writes. For example, a longword write to an 8-bit port takes four byte writes.
1
Enables burst write of data when the transfer size is larger than the specified port size,
including longword writes to 8 and 16-bit ports, word writes to 8-bit ports and line writes
to 8- and 16--bit ports.
2–0
—
Reserved, should be cleared.
Table 17-7. CSCRn Field Descriptions (Continued)
Bits
Name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com