Electronic Components Datasheet Search
  English  ▼

X  

MAC7200 Datasheet(PDF) 426 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 426 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 422Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 423Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 424Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 425Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 426Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 427Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 428Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 429Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 430Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 426 / 976 page
background image
Chip-Select Operation
MAC7200 Microcontroller Family Reference Manual, Rev. 2
348
Freescale Semiconductor
21–20
ASET
Address setup. This field controls the asserting of chip-select with respect to assertion of
a valid address and attributes.
00 Assert chip-select on rising clock edge after address is asserted. (Default CSn)
01 Assert chip-select on second rising clock edge after address is asserted.
10 Assert chip-select on third rising clock edge after address is asserted.
11 Assert chip-select on fourth rising clock edge after address is asserted.(Reset CS0)
19–18
RDAH
Read Address Hold or (Deselect). This field controls the address and attribute hold time
after the termination during a read cycle that hits in the chip-select address space.
00 Hold address and attributes one cycle after CSn negates on reads. (Default CSn)
01 Hold address and attributes two cycles after CSn negates on reads.
10 Hold address and attributes three cycles after CSn negates on reads.
11 Hold address and attributes four cycles after CSn negates on reads. (Reset CS0)
17–16
WRAH
Write Address Hold or (Deselect). This field controls the address, data and attribute hold
time after the termination of a write cycle that hits in the chip-select address space.The
hold time only applies at the end of a transfer. Therefore, a burst transfer which is burst
inhibited only has a hold time added after the last bus cycle.]
00 Hold address and attributes one cycle after CSn negates on writes. (Default CSn)
01 Hold address and attributes two cycles after CSn negates on writes.
10 Hold address and attributes three cycles after CSn negates on writes.
11 Hold address and attributes four cycles after CSn negates on writes. (Reset CS0)
15–10
WS
Wait states. The number of wait states inserted after CSn asserts and before an internal
transfer acknowledge is generated (WS = 0 inserts zero wait states, WS = 0x3F inserts 63
wait states). If AA = 0, TA must be asserted by the external system regardless of the
number of wait states generated. In that case, the external transfer acknowledge ends the
cycle. An external TA supersedes the generation of an internal TA.
9
—
Reserved, should be cleared.
8
AA
Auto-acknowledge enable. Determines the assertion of the internal transfer acknowledge
for accesses specified by the chip-select address.
0No internal TA is asserted. Cycle is terminated externally.
1
Internal TA is asserted as specified by WS. Note that if AA = 1 for a corresponding CSn
and the external system asserts an external TA before the wait-state countdown
asserts the internal TA, the cycle is terminated. Burst cycles increment the address bus
between each internal termination.
7–6
PS
Port size. Specifies the width of the data port associated with each chip-select. It
determines where data is driven during write cycles and where data is sampled during read
cycles.
00 32-bit port size. Valid data sampled and driven on D[31:0]. Not valid on MAC72xx.
01 8-bit port size. Valid data sampled and driven on D[7:0]
1x 16-bit port size. Valid data sampled and driven on D[15:0]
5
—
Reserved, should be cleared.
4
BSTR
Burst read enable. Specifies whether burst reads are used for memory associated with
each CSn.
0
Data exceeding the specified port size is broken into individual, port-sized non-burst
reads. For example, a longword read from an 8-bit port is broken into four 8-bit reads.
1
Enables data burst reads when the transfer size is larger than the specified port size,
including longword reads from 8- and 16-bit ports, word reads from 8-bit ports, and line
reads from 8- and 16-bit ports.
Table 17-7. CSCRn Field Descriptions (Continued)
Bits
Name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com