Electronic Components Datasheet Search
  English  ▼

X  

MAC7200 Datasheet(PDF) 425 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 425 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 421Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 422Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 423Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 424Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 425Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 426Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 427Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 428Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 429Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 425 / 976 page
background image
Chip-Select Operation
MAC7200 Microcontroller Family Reference Manual, Rev. 2
Freescale Semiconductor
347
17.3.2.3
Chip-Select Control Registers (CSCR0–CSCR2)
Each CSCRn, Figure 17-3, controls the auto acknowledge, external master support, address setup and hold
times, port size, burst capability, and activation of each chip-select. Note that to support the global
chip-select, CS0, the CSCR0 reset values differ from the other CSCRs. CS0 allows address decoding for
boot ROM before system initialization.
Table 17-7 describes CSCRn fields.
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
R
SWS
0
0
SWSEN
—
ASET
RDAH
WRAH
W
Reset: CSCR0
0
0
0
0
0
0
0
0
0
0
1
1
1
1
1
1
Reset: CSCRs
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
Reg
Addr
MBAR + 0x08 (CSCR0); 0x14 (CSCR1); 0x20 (CSCR2)
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
RWS
0
AA
PS
0
BSTR BSTW
0
0
0
W
Reset: CSCR0
1
1
1
1
1
1
0
AD2
AD[1:0]
0
0
0
0
0
0
Reset: CSCRs
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
Reg
Addr
MBAR + 0x08 (CSCR0); 0x14 (CSCR1); 0x20 (CSCR2)
Figure 17-4. Chip-Select Control Registers (CSCRn)
Table 17-7. CSCRn Field Descriptions
Bits
Name
Description
31–26
SWS
Secondary wait states. The number of wait states inserted before an internal transfer
acknowledge is generated for burst transfer except for the first termination, which is
controlled by the wait state count. The secondary wait state is only used if the secondary
wait state enable is set, otherwise the wait state value is used for all burst transfers.
25–24
—
Reserved, should be cleared
23
SWSEN
Secondary wait state enable.
0 The wait state value is used to insert wait states before an internal transfer acknowledge
is generated for all transfers.
1
The secondary wait state value is used to insert wait states before an internal transfer
acknowledge is generated for burst transfer secondary terminations.
22
—
Reserved, should be cleared



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com