Electronic Components Datasheet Search
  English  ▼

X  

MAC7200 Datasheet(PDF) 429 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 429 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 425Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 426Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 427Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 428Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 429Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 430Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 431Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 432Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 433Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 429 / 976 page
background image
FlexBus Bus Aborts
MAC7200 Microcontroller Family Reference Manual, Rev. 2
Freescale Semiconductor
351
Figure 17-6. Data Transfer State Transition Diagram
Table 17-8 describes the states as they appear in subsequent timing diagrams.
17.5
FlexBus Bus Aborts
17.5.1
IPI Register Interface
The FlexBus module does not support Peripheral Bus aborts, and has the following memory map:
Table 17-8. Bus Cycle States
State
Cycle
Description
S0
All
The read or write cycle is initiated. On the rising clock edge, the MAC7200 places
a valid address on ADDR[21:0]and drives R/W high for a read and low for a write,
if these signals are not already in the appropriate state.
S1
All
On the rising edge of CLK, CSn is asserted. Data is driven on DATA[15:Y] for
writes, and DATA[15:Y] is three-stated for reads. Address continues to be driven
on ADDR[X:0] pins that are unused for data.
If TA is recognized asserted, then the cycle moves on to S2. If TA is not asserted
either internally or externally, then the S1 state continues to repeat.
Read
Data is made available by the external device before the rising edge of CLK with
TA asserted. The MAC7200 will latch data on this rising clock edge.
S2
All
For internal termination the chip select will negate the internal TA signal. For
external termination, the external device should negate TA. Chip select is
negated after the rising edge of CLK at the end of S2.
Read
The external device can stop driving data after the rising edge of CLK at the
beginning of S2. However, data can be driven until the end of S3 or any additional
address hold cycles.
S3
All
Address, data, and R/W go invalid off the rising edge of CLK at the end of S3,
terminating the read or write cycle.
S0
S1
S2
Wait States
S3
Next Cycle



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com