Electronic Components Datasheet Search
  English  ▼

X  

MAC7200 Datasheet(PDF) 636 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 636 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 632Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 633Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 634Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 635Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 636Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 637Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 638Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 639Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 640Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 636 / 976 page
background image
Memory Map/Register Definition
MAC7200 Microcontroller Family Reference Manual, Rev. 2
558
Freescale Semiconductor
29.5.2.4
I2C Status Register
1
DMAEN
DMA Enable. When this bit is set, the DMA TX and RX lines will be asserted when the I2C module requires data to
be read or written to the data register. No Transfer Done interrupts will be generated when this bit is set, however
an interrupt will be generated if the loss of arbitration or addressed as slave conditions occur. The DMA mode is only
valid when the I2C module is configured as a Master and the DMA transfer still requires CPU intervention at the start
and the end of each frame of data. See the DMA Application Information section for more details.
1 Enable the DMA TX/RX request signals
0 Disable the DMA TX/RX request signals
0
IBSDOZE
I-Bus Interface Stop in DOZE mode.
1Halt I2C Bus module clock generation (if DOZE mode signal asserted)
0I2C Bus module clock operates normally
Note: If the IBSDOZE mode is SET, the I2C module will enter DOZE mode when the DOZE signal is asserted, if
there are no current transactions on the bus. The I2C module would then signal to the system that the clock can
be shut down.
If it were the case that the IBDOZE bit was cleared when the DOZE signal was asserted, the I2C Bus module clock
would remain alive, and any current transactions would continue as normal.
Offset 0x0003
Access: Read-only any time1
1. With the exception of IBIF and IBAL, which are software clearable.
76
54
321
0
R
TCF
IAAS
IBB
IBAL
0
SRW
IBIF
RXAK
W
Reset
100
00
000
Figure 29-9. I2C Bus Status Register(IBSR)
Table 29-9. IBSR Field Descriptions
Field
Description
7
TCF
Transfer complete. While one byte of data is being transferred, this bit is cleared. It is set by the falling edge of the
9th clock of a byte transfer. Note that this bit is only valid during or immediately following a transfer to the I2C module
or from the I2C module.
1 Transfer complete
0 Transfer in progress
6
IAAS
Addressed as a slave. When its own specific address (I-Bus Address Register) is matched with the calling address,
this bit is set. The CPU is interrupted provided the IBIE is set. Then the CPU needs to check the SRW bit and set its
Tx/Rx mode accordingly. Writing to the I-Bus Control Register clears this bit.
1 Addressed as a slave
0 Not addressed
5
IBB
Bus busy. This bit indicates the status of the bus. When a START signal is detected, the IBB is set. If a STOP signal
is detected, IBB is cleared and the bus enters idle state.
1Bus is busy
0 Bus is Idle
Table 29-8. IBCR Field Descriptions (Continued)
Field
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com