Electronic Components Datasheet Search
  English  ▼

X  

MAC7200 Datasheet(PDF) 876 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 876 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 872Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 873Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 874Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 875Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 876Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 877Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 878Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 879Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 880Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 876 / 976 page
background image
Introduction
MAC7200 Microcontroller Family Reference Manual, Rev. 2
798
Freescale Semiconductor
34.1.2
Features
The Port Integration Module includes these distinctive features:
•
Select between GPIO, interrupt or peripheral functionality on a pin-by-pin basis
•
Register interface for both port wide and pin data reads and writes
•
6 independent 16-bit ports (Port A, B, C, D, F, G), with each pin having the following features:
— Peripheral or GPIO Mode selection, with up to 3 peripherals per pin
— Input/Output selection
— 5V output drive with three selectable slew rates (Disabled, Slow, Fast)
— 5V digital inputs
— Selectable pull-up or pull-down
— Selectable open drain for wired-or connections
— Selectable interrupt capability (with glitch filtering and interrupt mask)
•
Control of ATD digital inputs (Port E)
— Selectable interrupt capability (with glitch filtering and interrupt mask)
•
Control of the TCK, TMS, TDI and TDO pads
— Input/Output selection
— 5V output drive with three selectable slew rates (Disabled, Slow, Fast) (TDO only)
— 5V digital inputs
— Selectable pull-up or pull-down (TCK, TMS and TDI only)
34.1.3
Modes of Operation
34.1.3.1
Peripheral Mode (CONFIG::MODE[1:0]
≠ 0 0)
In this mode, the peripheral drives all data and control signals to the pad, with the exception of the Slew
Rate (SRE1/SRE0) signals, which are always driven by the SLEWDIS and SLEW bits in the
corresponding CONFIGxx register in the PIM.
Table 34-3. PIM Peripheral Mode Configuration
Register / Field
Definition
PORTDATA/PINDATAxx
This value has no effect.
PORTIR
This read-only register returns the value currently driven on the pin by the peripheral
(output) or by an external device (input).
DDR
This register bit has no effect.
SLEWDIS/SLEW
Slew Rate control bits: Controls the slew rate of the pin (output only).
SLEWDIS = 0
Slew Rate control is disabled
SLEW
0 = Fast slew rate, 1 = Slow slew rate
PULL
These two register bits have no effect.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com