Electronic Components Datasheet Search
  English  ▼

X  

MAC7200 Datasheet(PDF) 880 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 880 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 876Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 877Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 878Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 879Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 880Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 881Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 882Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 883Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 884Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 880 / 976 page
background image
External Signal Description
MAC7200 Microcontroller Family Reference Manual, Rev. 2
802
Freescale Semiconductor
PF4
eMIOS Channel 04 4
PF5
eMIOS Channel 05 4
PF6
eMIOS Channel 06 4
PF7
eMIOS Channel 07 4
PF8
DSPI_C CS5/PCSS
PF9
DSPI_C CS3
PF10
DSPI_C CS2
PF11
DSPI_C SCK
PF12
DSPI_C CS1
PF13
DSPI_C MOSI
PF14
DSPI_C CS0/SS
PF15
DSPI_C MISO
PG0
SCI_B RXD
PG1
SCI_B TXD
PG2
SCI_A RXD
PG3
SCI_A TXD
PG4
CAN_A TXD
PG5
CAN_A RXD
PG6
CAN_B TXD
PG7
CAN_B RXD
PG8
FlexBus CS1
PG9
FlexBus CS2
PG10
None
PG11
None
PG12
DSPI_A CS4
PG13
DSPI_A CS3
PG14
DSPI_B CS4
PG15
DSPI_B CS3
1. At reset, all Ports are in GPIO mode, configured as an input with
no pull-up/pull-down and open drain disabled, except for pin PD2.
2. For those pins with no Peripheral Mode functionality, placing the
pin into Peripheral Mode will force the pin to become an output
with a low (0) state driven out.
3. When IIC SDA or SCL functionality is selected on a pin, Open
Drain functionality is enabled for that pin.
4. Pin direction may be changed dynamically by the peripheral for
the following functionality: DSPI CS0/SS, DSPI CS5/PCSS, DSPI
SCK, eMIOS (all channels).
5. Pin PD2 has no GPO functionality.
Table 34-6. Port Pin to Primary Peripheral Function Assignments (Continued)
Pin 1, 2
Primary Peripheral Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com